Electronic Components Datasheet Search
  English  ▼

X  

MAAPGM0073 Datasheet (PDF) - Tyco Electronics

MAAPGM0073 Datasheet PDF - Tyco Electronics
Part # MAAPGM0073
Download  MAAPGM0073 Download
File Size   278.02 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.0 W 4.4-7.0 GHz

MAAPGM0073 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAAPGM0073 Datasheet PDF - Tyco Electronics

Part # MAAPGM0073
Download  MAAPGM0073 Click to download

File Size   278.02 Kbytes
Page   9 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Amplifier, Power, 1.0 W 4.4-7.0 GHz

MAAPGM0073 Datasheet (HTML) - Tyco Electronics


MAAPGM0073 Product details

Description
The MAAP-000073-PKG003 is a 3-stage 1.0 W power amplifier with on-chip bias networks in a 20 lead, 5 mm PQFN package, allowing easy assembly. This product is fully matched to 50 ohms on both the input and output. It can be used as a power amplifier stage or as a driver stage in high power applications.
Each device is 100% RF tested to ensure performance compliance. The part is fabricated using M/A-COM’s GaAs Multifunction Self-Aligned Gate (MSAG) Process.
The 5 mm PQFN package has a lead-free finish of leads that are RoHS compliant and is compatible with a 260oC reflow temperature. The package also features low lead inductance and an excellent thermal path. The MTTF is 1,000,000 hours at 170°C.

Features
♦ 1.0 Watt Saturated Output Power Level
♦ Variable Drain Voltage (6-10V) Operation
♦ MSAG™ Process

Primary Applications
♦ Point-to-Point Radio
   ◊ 5 and 6 GHz Bands




Similar Part No. - MAAPGM0073

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAPGM0073-DIE MACOM-MAAPGM0073-DIE Datasheet
356Kb / 9P
Amplifier, Power, 1.2W 4.0-8.5 GHz
More results


Similar Description - MAAPGM0073

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CMM3566-LC MIMIX-CMM3566-LC Datasheet
271Kb / 5P
3.45 to 3.5 GHz 7.0 V, 24 dBm W-cdma Power Amplifier
logo
Excelics Semiconductor,...
EIM4450-4 EXCELICS-EIM4450-4 Datasheet
160Kb / 4P
4.4-5.0 GHz Multi-Stage Power Amplifier
EMP108 EXCELICS-EMP108 Datasheet
163Kb / 2P
7.0 - 9.5 GHz Power Amplifier MMIC
EMP108-P1 EXCELICS-EMP108-P1 Datasheet
87Kb / 1P
7.0 -9.5 GHz Power Amplifier MMIC
EMP111 EXCELICS-EMP111 Datasheet
207Kb / 3P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP111-P1 EXCELICS-EMP111-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114 EXCELICS-EMP114 Datasheet
187Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
EMP114-P1 EXCELICS-EMP114-P1 Datasheet
94Kb / 2P
7.0 - 9.0 GHz Power Amplifier MMIC
logo
M/A-COM Technology Solu...
MAAM71100 MA-COM-MAAM71100 Datasheet
172Kb / 3P
GaAs MMIC Power Amplifier 7.0 - 11.0 GHz
logo
Qorvo, Inc
QPA1019 QORVO-QPA1019 Datasheet
821Kb / 21P
4.5 ??7.0 GHz 10 W GaN Power Amplifier
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com