Electronic Components Datasheet Search
  English  ▼

X  

KNP100S Datasheet (PDF) - List of Unclassifed Manufacturers

KNP100S Datasheet PDF - List of Unclassifed Manufacturers
Part # KNP100S
Download  KNP100S Download
File Size   132.13 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Wirewound Resistors

KNP100S Datasheet (PDF)

Go To PDF Page Download Datasheet
KNP100S Datasheet PDF - List of Unclassifed Manufacturers

Part # KNP100S
Download  KNP100S Click to download

File Size   132.13 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description Wirewound Resistors

KNP100S Datasheet (HTML) - List of Unclassifed Manufacturers


KNP100S Product details

[hitano]



Wirewound Resistors



FEATURES

Small size and low cost

Super heat dissipation, instant overload capability

Miniature size available (As KNP-S type)

Flameproof coating

Standard Value: E24 series as range below

Color band marking

Body Color: Green

Available in non-inductive style (As NKNP type)

Standard Tolerance: ±5% (available 1% - 5%)




Similar Part No. - KNP100S

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
KNP100 YAGEO-KNP100 Datasheet
2Mb / 21P
WIREWOUND RESISTORS
April 1, 2024 V.5
More results


Similar Description - KNP100S

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
AC01 PHILIPS-AC01 Datasheet
398Kb / 24P
Cemented wirewound resistors
2000 Oct 20
logo
Willow Technologies Ltd
KNP WILLOW-KNP Datasheet
157Kb / 2P
WIREWOUND RESISTORS
UW-2 WILLOW-UW-2 Datasheet
347Kb / 2P
Ceramic Wirewound Resistors
WW10 WILLOW-WW10 Datasheet
112Kb / 2P
FLAMEPROOF WIREWOUND RESISTORS
logo
Riedon Powertron
SM-2 RIEDON-SM-2 Datasheet
359Kb / 2P
Precision Wirewound Resistors
logo
Vishay Siliconix
RWR81S1R00FS VISHAY-RWR81S1R00FS Datasheet
164Kb / 4P
Wirewound Resistors
30-Mar-12
AC01000001509JAC VISHAY-AC01000001509JAC Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC03000001008JAC00 VISHAY-AC03000001008JAC00 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
AC01000002407JA100 VISHAY-AC01000002407JA100 Datasheet
151Kb / 9P
Cemented Wirewound Resistors
10-Jun-13
logo
Welwyn Components Limit...
WA84Z1K5J WELWYN-WA84Z1K5J Datasheet
319Kb / 3P
Mount Wirewound Resistors Mount Wirewound Resistors
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com