Electronic Components Datasheet Search
  English  ▼

X  

1703551 Datasheet (PDF) - PHOENIX CONTACT

1703551 Datasheet PDF - PHOENIX CONTACT
Part # 1703551
Download  1703551 Download
File Size   365.02 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 5/17-V-7,5-ZB - PCB terminal block

1703551 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703551 Datasheet PDF - PHOENIX CONTACT

Part # 1703551
Download  1703551 Click to download

File Size   365.02 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPT 5/17-V-7,5-ZB - PCB terminal block

1703551 Datasheet (HTML) - PHOENIX CONTACT


1703551 Product details

PCB terminal block, nominal current: 41 A, rated voltage (III/2): 1000 V, nominal cross section: 6
mm2, number of potentials: 17, number of rows: 1, number of positions per row: 17, product
range: SPT 5/..-V, pitch: 7.5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Zigzag
pinning W, Solder pin [P]: 4.6 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Unrestricted 600-V-UL approval thanks to compact zig-zag pinning
• Vertical connection enables multi-row arrangement on the PCB




Similar Part No. - 1703551

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
17035 ETC2-17035 Datasheet
61Kb / 1P
CORDSET - NORTH AMERICAN DETACHABLE POWER SUPPLY CORD
logo
PHOENIX CONTACT
1703503 PHOENIX-1703503 Datasheet
57Kb / 4P
Printed-circuit board connector - GMSTB 2,5/ 2-ST-7,62 BDS:X14
1703505 PHOENIX-1703505 Datasheet
352Kb / 10P
FFKDSA1/H-3,81-19 - PCB terminal block
1703506 PHOENIX-1703506 Datasheet
180Kb / 10P
Feed-through plug - DFK-PC 16/ 7-STF-10,16
logo
Molex Electronics Ltd.
170351-0002 MOLEX11-170351-0002 Datasheet
41Kb / 1P
EXTreme Guardian??Crimp Receptacle Housing, 2 Circuit, 11.00mm Pitch, 8-10 AWG
More results


Similar Description - 1703551

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1719192 PHOENIX-1719192 Datasheet
93Kb / 6P
PCB terminal block - SPT 5/ 2-H-7,5-ZB
1719228 PHOENIX-1719228 Datasheet
91Kb / 6P
PCB terminal block - SPT 5/ 5-H-7,5-ZB
1719325 PHOENIX-1719325 Datasheet
90Kb / 5P
PCB terminal block - SPT 5/ 3-V-7,5-ZB
1719338 PHOENIX-1719338 Datasheet
91Kb / 6P
PCB terminal block - SPT 5/ 4-V-7,5-ZB
1719367 PHOENIX-1719367 Datasheet
148Kb / 8P
PCB terminal block - SPT 5/ 7-V-7,5-ZB
1719383 PHOENIX-1719383 Datasheet
89Kb / 6P
PCB terminal block - SPT 5/ 9-V-7,5-ZB
1719396 PHOENIX-1719396 Datasheet
89Kb / 6P
PCB terminal block - SPT 5/10-V-7,5-ZB
1719406 PHOENIX-1719406 Datasheet
89Kb / 6P
PCB terminal block - SPT 5/11-V-7,5-ZB
1719419 PHOENIX-1719419 Datasheet
89Kb / 6P
PCB terminal block - SPT 5/12-V-7,5-ZB
1719312 PHOENIX-1719312 Datasheet
152Kb / 10P
PCB terminal block - SPT 5/ 2-V-7,5-ZB
09/11/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com