Electronic Components Datasheet Search
  English  ▼

X  

1703224 Datasheet (PDF) - PHOENIX CONTACT

1703224 Datasheet PDF - PHOENIX CONTACT
Part # 1703224
Download  1703224 Download
File Size   339.51 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 2,5-5,08-17 - PCB terminal block

1703224 Datasheet (PDF)

Go To PDF Page Download Datasheet
1703224 Datasheet PDF - PHOENIX CONTACT

Part # 1703224
Download  1703224 Click to download

File Size   339.51 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ZFKDSA 2,5-5,08-17 - PCB terminal block

1703224 Datasheet (HTML) - PHOENIX CONTACT


1703224 Product details

PCB terminal block, nominal current: 24 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 17, number of rows: 1, number of positions per row: 17, product
range: ZFKDS(A) 2,5, pitch: 5.08 mm, connection method: Spring-cage connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 3.5 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Defined contact force ensures that contact remains stable over the long term
• Clamping space opened by means of fixed screwdriver enables convenient conductor connection
• Angled connection enables multi-row arrangement on the PCB
• The latching on the side enables various numbers of positions to be combined
• Two solder pins reduce the mechanical strain on the soldering spots




Similar Part No. - 1703224

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1703221 PHOENIX-1703221 Datasheet
75Kb / 3P
Housing - DFK-IPCV 16/ 3-GF-10,16
1703225 PHOENIX-1703225 Datasheet
364Kb / 11P
FRONT 4-H-6,35-10 - PCB terminal block
More results


Similar Description - 1703224

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1749133 PHOENIX-1749133 Datasheet
46Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08-32
1765625 PHOENIX-1765625 Datasheet
46Kb / 3P
PCB terminal block - ZFKDSA 2,5-5,08-20
1773471 PHOENIX-1773471 Datasheet
42Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08- 4 THT
1723353 PHOENIX-1723353 Datasheet
80Kb / 5P
PCB terminal block - ZFKDSA 2,5-5,08- 8
09/11/2020
1848228 PHOENIX-1848228 Datasheet
87Kb / 2P
PCB terminal block - ZFKDSA 2,5-5,08- 5 EX
11/05/2018
1891496 PHOENIX-1891496 Datasheet
84Kb / 5P
PCB terminal block - ZFKDSA 1,5-5,08- 4
09/12/2020
1906213 PHOENIX-1906213 Datasheet
243Kb / 8P
ZFKDSA 1,5-5,08- 7 - PCB terminal block
1995512 PHOENIX-1995512 Datasheet
244Kb / 8P
ZFKDSA 1,5-5,08- 5 - PCB terminal block
1931123 PHOENIX-1931123 Datasheet
239Kb / 8P
ZFKDSA 1,5-5,08-24 - PCB terminal block
1932326 PHOENIX-1932326 Datasheet
250Kb / 9P
ZFKDSA 2,5-5,08- 2 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com