Electronic Components Datasheet Search
  English  ▼

X  

1089961 Datasheet (PDF) - PHOENIX CONTACT

1089961 Datasheet PDF - PHOENIX CONTACT
Part # 1089961
Download  1089961 Download
File Size   554.25 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MRT/ 2,0-110 - Power cable

1089961 Datasheet (PDF)

Go To PDF Page Download Datasheet
1089961 Datasheet PDF - PHOENIX CONTACT

Part # 1089961
Download  1089961 Click to download

File Size   554.25 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-4P-M12MRT/ 2,0-110 - Power cable

1089961 Datasheet (HTML) - PHOENIX CONTACT


1089961 Product details

Power cable, 4-position, PVC, black-gray RAL 7021, Plug angled M12, coding: T, on free cable
end, cable length: 2 m, For direct current up to 12 A/63 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special T-coding




Similar Part No. - 1089961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1089965 PHOENIX-1089965 Datasheet
554Kb / 18P
SAC-4P-M12MRT/ 5,0-110 - Power cable
1089968 PHOENIX-1089968 Datasheet
549Kb / 18P
SAC-4P-M12MRT/10,0-110 - Power cable
More results


Similar Description - 1089961

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415197 PHOENIX-1415197 Datasheet
103Kb / 5P
Power cable - SAC-4P-MRT/ 2,0-PUR/FRT SCO
1408813 PHOENIX-1408813 Datasheet
142Kb / 9P
Power cable - SAC-4P-M12MST/ 2,0-PUR
09/11/2020
1533576 PHOENIX-1533576 Datasheet
77Kb / 5P
Sensor/actuator cable - SAC-4P- 2,0-PUR/M12FS
12/06/2018
1558328 PHOENIX-1558328 Datasheet
91Kb / 6P
Bus system cable - SAC-4P-M12MS/ 2,0-990
09/11/2020
1558438 PHOENIX-1558438 Datasheet
424Kb / 10P
SAC-4P-M12MS/ 2,0-990/M12FS - Bus system cable
1558360 PHOENIX-1558360 Datasheet
327Kb / 9P
SAC-4P- 2,0-990/M12FS - Bus system cable
1431212 PHOENIX-1431212 Datasheet
530Kb / 14P
SAC-4P- 2,0-960/M12FS VA - Bus system cable
1543249 PHOENIX-1543249 Datasheet
373Kb / 9P
SAC-4P-M 8MS/ 2,0-950 - Bus system cable
1543294 PHOENIX-1543294 Datasheet
362Kb / 9P
SAC-4P- 2,0-950/M 8FS - Bus system cable
1550850 PHOENIX-1550850 Datasheet
348Kb / 9P
SAC-4P-M 8MR/ 2,0-950 - Bus system cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com