Electronic Components Datasheet Search
  English  ▼

X  

ILI9340 Datasheet (PDF) - Yili Technology Co., Ltd All Rights Reserved.

ILI9340 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.
Part # ILI9340
Download  ILI9340 Download
File Size   3384.15 Kbytes
Page   233 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color

ILI9340 Datasheet (PDF)

Go To PDF Page Download Datasheet
ILI9340 Datasheet PDF - Yili Technology Co., Ltd All Rights Reserved.

Part # ILI9340
Download  ILI9340 Click to download

File Size   3384.15 Kbytes
Page   233 Pages
Manufacturer  ILITEK [Yili Technology Co., Ltd All Rights Reserved.]
Direct Link  https://www.ilitek.com.tw/index.aspx
Logo ILITEK - Yili Technology Co., Ltd All Rights Reserved.
Description a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color

ILI9340 Datasheet (HTML) - Yili Technology Co., Ltd All Rights Reserved.


ILI9340 Product details

Features
Display resolution: [240xRGB](H) x 320(V)
Output:
720 source outputs
320 gate outputs
Common electrode output (VCOM)
a-TFT LCD driver with on-chip full display RAM: 172,800 bytes
System Interface
8-bits, 9-bits, 16-bits, 18-bits interface with 8080-Ⅰ/8080-Ⅱ series MCU
6-bits, 16-bits, 18-bits RGB interface with graphic controller
3-line / 4-line serial interface
Display mode:
Full color mode (Idle mode OFF): 262K-color (selectable color depth mode by software)
Reduce color mode (Idle mode ON): 8-color
Power saving mode:
Sleep mode
On chip functions:
VCOM generator and adjustment
Timing generator
Oscillator
DC/DC converter
Line/frame inversion
4 preset Gamma curves with separate RGB Gamma correction
Dynamic backlight control
MTP (3 times):
8-bits for ID1, ID2, ID3
7-bits for VCOM adjustment
Low -power consumption architecture
Low operating power supplies:
VDDI = 1.65V ~ 3.3V (logic)
VCI = 2.5V ~ 3.3V (analog)
LCD Voltage drive:
Source/VCOM power supply voltage
AVDD - GND = 4.5V ~ 6.0V
VCL - GND = -2.0V ~ -3.0V
VCI1 - VCL ≦ 6.0V
Gate driver output voltage
VGH - GND = 10.0V ~ 20.0V
VGL - GND = -5.0V ~ -15.0V
VGH - VGL ≦ 32V
VCOM driver output voltage
VCOMH = 3.0V ~ (AVDD – 0.5)V
VCOML = (VCL+0.5)V ~ 0V
VCOMH - VCOML ≦ 6.0V
Operate temperature range: -40℃ to 80℃
a-Si TFT LCD storage capacitor : Cst on Common structure only




Similar Part No. - ILI9340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9341 ETC2-ILI9341 Datasheet
3Mb / 233P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9341V ETC1-ILI9341V Datasheet
3Mb / 249P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9342 ETC1-ILI9342 Datasheet
1Mb / 216P
a-Si TFT LCD Single Chip Driver 320RGBx240 Resolution and 262K color
More results


Similar Description - ILI9340

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ILI9341 ETC2-ILI9341 Datasheet
3Mb / 233P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9486 ETC2-ILI9486 Datasheet
187Kb / 19P
a-Si TFT LCD Single Chip Driver with 320RGBx480 Resolution and 262K color
ILI9341V ETC1-ILI9341V Datasheet
3Mb / 249P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9325D ETC-ILI9325D Datasheet
1Mb / 125P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K Color
ILI9225 ETC2-ILI9225 Datasheet
1Mb / 113P
a-Si TFT LCD Single Chip Driver 176RGBx220 Resolution and 262K color
ILI9325 ETC2-ILI9325 Datasheet
1Mb / 107P
a-Si TFT LCD Single Chip Driver 240RGBx320 Resolution and 262K color
ILI9342 ETC1-ILI9342 Datasheet
1Mb / 216P
a-Si TFT LCD Single Chip Driver 320RGBx240 Resolution and 262K color
ILI9481 ETC1-ILI9481 Datasheet
1Mb / 140P
a-Si TFT LCD Single Chip Driver 320RGBx480 Resolution and 262K color
ILI9163 ETC1-ILI9163 Datasheet
2Mb / 183P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
ILI9163C ETC1-ILI9163C Datasheet
6Mb / 200P
a-Si TFT LCD Single Chip Driver 132RGBx162 Resolution and 262K color
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com