Electronic Components Datasheet Search
  English  ▼

X  

74438336068HT Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

74438336068HT Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 74438336068HT
Download  74438336068HT Download
File Size   947.18 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAPI SMT Power Inductor

74438336068HT Datasheet (PDF)

Go To PDF Page Download Datasheet
74438336068HT Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 74438336068HT
Download  74438336068HT Click to download

File Size   947.18 Kbytes
Page   9 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-MAPI SMT Power Inductor

74438336068HT Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


74438336068HT Product details

General Information:
Ambient Temperature (referring
to IRP) -55 °C up to +110 °C
Operating Temperature -55 °C up to +150 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently
Test conditions of Performance Rated Current: refer to IEC 62024-2-2020, Class C (PCB Copper
Width: 40 mm; PCB Copper Thickness: 105 μm)




Similar Part No. - 74438336068HT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74438336068 WURTH-74438336068 Datasheet
509Kb / 7P
WE-MAPI SMD Shielded Power Inductor
More results


Similar Description - 74438336068HT

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
74438356010HT WURTH-74438356010HT Datasheet
556Kb / 7P
WE-MAPI SMT Power Inductor
74438356015HT WURTH-74438356015HT Datasheet
556Kb / 7P
WE-MAPI SMT Power Inductor
001.000
744383660082 WURTH-744383660082 Datasheet
602Kb / 8P
WE-MAPI SMT Power Inductor
001.000
74438366033 WURTH-74438366033 Datasheet
602Kb / 8P
WE-MAPI SMT Power Inductor
001.000
744383350047 WURTH-744383350047 Datasheet
659Kb / 6P
WE-MAPI SMT Power Inductor
002.000
744383350082 WURTH-744383350082 Datasheet
659Kb / 6P
WE-MAPI SMT Power Inductor
002.000
74438367047 WURTH-74438367047 Datasheet
780Kb / 8P
WE-MAPI SMT Power Inductor
002.000
74438356018HT WURTH-74438356018HT Datasheet
713Kb / 7P
WE-MAPI SMT Power Inductor
002.000
74438356056HT WURTH-74438356056HT Datasheet
712Kb / 7P
WE-MAPI SMT Power Inductor
002.000
74438357033 WURTH-74438357033 Datasheet
760Kb / 7P
WE-MAPI SMT Power Inductor
002.000
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com