Electronic Components Datasheet Search
  English  ▼

X  

1857840 Datasheet (PDF) - PHOENIX CONTACT

1857840 Datasheet PDF - PHOENIX CONTACT
Part # 1857840
Download  1857840 Download
File Size   414.66 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 2-R1 - PCB terminal block

1857840 Datasheet (PDF)

Go To PDF Page Download Datasheet
1857840 Datasheet PDF - PHOENIX CONTACT

Part # 1857840
Download  1857840 Click to download

File Size   414.66 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKDSO 2,5/ 2-R1 - PCB terminal block

1857840 Datasheet (HTML) - PHOENIX CONTACT


1857840 Product details

PCB terminal block, nominal current: 20 A, rated voltage (III/2): 320 V, nominal cross section: 2.5
mm2, number of potentials: 2, number of rows: 1, number of positions per row: 2, product range:
FKDSO 2,5/..R1, pitch: 5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 3.5 mm, number of solder pins per potential: 1, type of packaging: packed in
cardboard

Your advantages
• Orthogonal alignment of the terminal block with the PCB for optimum accessibility in DIN-rail-mounted devices
• Time saving push-in connection, tools not required
• Intuitive operation due to color-coded actuating push button




Similar Part No. - 1857840

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
185784 FESTO-185784 Datasheet
100Kb / 1P
Air preparation unit
More results


Similar Description - 1857840

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1730395 PHOENIX-1730395 Datasheet
136Kb / 7P
PCB terminal block - MKDS 2,5/ 2-5,08
1890332 PHOENIX-1890332 Datasheet
49Kb / 3P
PCB terminal block - SMKDSFU 2,5/ 2-5,08
1932805 PHOENIX-1932805 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 BK
1946228 PHOENIX-1946228 Datasheet
55Kb / 4P
PCB terminal block - MKDSN 2,5/ 2 KMGY
2200315 PHOENIX-2200315 Datasheet
119Kb / 4P
FKDSO 2,5/ 2-L KMGY
2200316 PHOENIX-2200316 Datasheet
118Kb / 4P
FKDSO 2,5/ 2-R KMGY
2200319 PHOENIX-2200319 Datasheet
131Kb / 7P
PCB terminal block - FKDSO 2,5/ 4-L KMGY
2201128 PHOENIX-2201128 Datasheet
113Kb / 4P
PCB terminal block - FKDSO 2,5 HV/3-L 7,5 GY7035
1730502 PHOENIX-1730502 Datasheet
354Kb / 10P
PCB terminal block - MKDSD 2,5/ 2-5,08
Sep 8, 2022
1932326 PHOENIX-1932326 Datasheet
250Kb / 9P
ZFKDSA 2,5-5,08- 2 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com