Electronic Components Datasheet Search
  English  ▼

X  

1846111 Datasheet (PDF) - PHOENIX CONTACT

1846111 Datasheet PDF - PHOENIX CONTACT
Part # 1846111
Download  1846111 Download
File Size   1007.66 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 5-GF - PCB header

1846111 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846111 Datasheet PDF - PHOENIX CONTACT

Part # 1846111
Download  1846111 Click to download

File Size   1007.66 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/ 5-GF - PCB header

1846111 Datasheet (HTML) - PHOENIX CONTACT


1846111 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 10,
number of rows: 2, number of positions: 5, number of connections: 10, product range: MDSTBV
2,5/..-GF, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard, The article can be aligned to create different
nos. of positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density
• Screwable flange for superior mechanical stability




Similar Part No. - 1846111

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1846100000 WEIDMULLER-1846100000 Datasheet
486Kb / 5P
SLS 5.08/16/180TB RF15 SN OR BX
logo
PHOENIX CONTACT
1846108 PHOENIX-1846108 Datasheet
150Kb / 6P
MSTB 2,5/ 4-STF
1846108 PHOENIX-1846108 Datasheet
136Kb / 5P
FKC 2,5/ 4-STF
logo
Weidmuller
1846120000 WEIDMULLER-1846120000 Datasheet
478Kb / 5P
SLS 5.08/24/180TB RF15 SN OR BX
logo
PHOENIX CONTACT
1846124 PHOENIX-1846124 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 6-GF
More results


Similar Description - 1846111

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1846182 PHOENIX-1846182 Datasheet
77Kb / 4P
Housing - MDSTBV 2,5/12-GF
1846124 PHOENIX-1846124 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 6-GF
1846137 PHOENIX-1846137 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 7-GF
1846140 PHOENIX-1846140 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 8-GF
1845662 PHOENIX-1845662 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 5-GF-5,08
1845633 PHOENIX-1845633 Datasheet
273Kb / 14P
Feed-through header - MDSTBV 2,5/ 2-GF-5,08
09/12/2020
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
1825158 PHOENIX-1825158 Datasheet
653Kb / 14P
IC 2,5/ 5-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com