Electronic Components Datasheet Search
  English  ▼

X  

1828646 Datasheet (PDF) - PHOENIX CONTACT

1828646 Datasheet PDF - PHOENIX CONTACT
Part # 1828646
Download  1828646 Download
File Size   789.1 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/16-GF-3,81 P20 THRR104 - PCB header

1828646 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828646 Datasheet PDF - PHOENIX CONTACT

Part # 1828646
Download  1828646 Click to download

File Size   789.1 Kbytes
Page   13 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MCV 1,5/16-GF-3,81 P20 THRR104 - PCB header

1828646 Datasheet (HTML) - PHOENIX CONTACT


1828646 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 16,
number of rows: 1, number of positions: 16, number of connections: 16, product range: MCV
1,5/..-GF-THR, pitch: 3.81 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin
[P]: 2 mm, number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: 104 mm wide tape

Your advantages
• Designed for integration into the SMT soldering process
• Screwable flange for superior mechanical stability
• Vertical connection enables multi-row arrangement on the PCB
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1828646

ManufacturerPart #DatasheetDescription
logo
Bahco
1828646 BAHCO-1828646 Datasheet
102Kb / 2P
Combination spanner, offset, 111M
More results


Similar Description - 1828646

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1830703 PHOENIX-1830703 Datasheet
167Kb / 9P
Feed-through header - MCV 1,5/13-GF-3,81
1830729 PHOENIX-1830729 Datasheet
145Kb / 5P
MCV 1,5/15-GF-3,81
1830732 PHOENIX-1830732 Datasheet
145Kb / 5P
MCV 1,5/16-GF-3,81
1844951 PHOENIX-1844951 Datasheet
159Kb / 9P
Feed-through header - MCV 1,5/19-GF-3,81
1828921 PHOENIX-1828921 Datasheet
103Kb / 4P
Base strip - MCV 1,5/16-G-3,81 P20 THR
1828989 PHOENIX-1828989 Datasheet
137Kb / 6P
Feed-through header - MCV 1,5/14-GF-3,81 P20 THR
09/12/2020
1844935 PHOENIX-1844935 Datasheet
146Kb / 9P
Feed-through header - MCV 1,5/17-GF-3,81
09/12/2020
1830622 PHOENIX-1830622 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 5-GF-3,81
Jul 20, 2022
1830606 PHOENIX-1830606 Datasheet
979Kb / 16P
PCB header - MCV 1,5/ 3-GF-3,81
Jul 20, 2022
1713373 PHOENIX-1713373 Datasheet
488Kb / 12P
MC 1,5/16-GF-3,5 P20 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com