Electronic Components Datasheet Search
  English  ▼

X  

1828374 Datasheet (PDF) - PHOENIX CONTACT

1828374 Datasheet PDF - PHOENIX CONTACT
Part # 1828374
Download  1828374 Download
File Size   313.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 4-H-7,62-11 - PCB terminal block

1828374 Datasheet (PDF)

Go To PDF Page Download Datasheet
1828374 Datasheet PDF - PHOENIX CONTACT

Part # 1828374
Download  1828374 Click to download

File Size   313.38 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT 4-H-7,62-11 - PCB terminal block

1828374 Datasheet (HTML) - PHOENIX CONTACT


1828374 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 630 V, nominal cross section: 4
mm2, number of potentials: 11, number of rows: 1, number of positions per row: 11, product
range: FRONT 4-H, pitch: 7.62 mm, connection method: Front screw connection, mounting:
Wave soldering, conductor/PCB connection direction: 0 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 5 mm, number of solder pins per potential: 2, type of packaging: packed
in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Operation and conductor connection from one direction enable integration into front of device




Similar Part No. - 1828374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1828375 PHOENIX-1828375 Datasheet
167Kb / 5P
EMC 1,5/ 5-GF-3,81
More results


Similar Description - 1828374

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1702051 PHOENIX-1702051 Datasheet
61Kb / 4P
PCB terminal block - FRONT 4-H-7,62 BK
1703021 PHOENIX-1703021 Datasheet
83Kb / 5P
PCB terminal block - FRONT 4-V-7,62
1703050 PHOENIX-1703050 Datasheet
97Kb / 6P
PCB terminal block - FRONT 4-H-6,35
1703212 PHOENIX-1703212 Datasheet
97Kb / 5P
PCB terminal block - FRONT 4-H-7,62-4
1703238 PHOENIX-1703238 Datasheet
61Kb / 4P
PCB terminal block - FRONT 4-H-6,35-3
1889482 PHOENIX-1889482 Datasheet
60Kb / 4P
PCB terminal block - FRONT 4-H-7,62 GY
1890468 PHOENIX-1890468 Datasheet
59Kb / 4P
PCB terminal block - FRONT 4-H-6,35-7
1986097 PHOENIX-1986097 Datasheet
70Kb / 6P
PCB terminal block - FRONT 4-H-7,62-3
1704693 PHOENIX-1704693 Datasheet
108Kb / 7P
PCB terminal block - FRONT 4-H-6,35-5
09/11/2020
1703225 PHOENIX-1703225 Datasheet
364Kb / 11P
FRONT 4-H-6,35-10 - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com