Electronic Components Datasheet Search
  English  ▼

X  

1824010 Datasheet (PDF) - PHOENIX CONTACT

1824010 Datasheet PDF - PHOENIX CONTACT
Part # 1824010
Download  1824010 Download
File Size   622.51 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC 2,5/19-STZ-5,08 - PCB connector

1824010 Datasheet (PDF)

Go To PDF Page Download Datasheet
1824010 Datasheet PDF - PHOENIX CONTACT

Part # 1824010
Download  1824010 Click to download

File Size   622.51 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description ICC 2,5/19-STZ-5,08 - PCB connector

1824010 Datasheet (HTML) - PHOENIX CONTACT


1824010 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact connection type: Pin, number of potentials: 19, number of rows: 1,
number of positions: 19, number of connections: 19, product range: ICC 2,5/..-STZ, pitch: 5.08
mm, connection method: Crimp connection, conductor/PCB connection direction: 0 °, locking
clip: - without locking clip, plug-in system: COMBICON MSTB 2,5, locking: Snap-in locking,
mounting: Engagement nose, type of packaging: packed in cardboard, Corresponding male
crimp contacts with current [A] and conductor cross section range [mm2] data: 10A/ICC-MT 0,5-
1,0 (3190577); 10A/ICC-MT 0,5-1,0 BA (3190603); 12A/ICC-MT 1,5-2,5 (3190580); 12A/ICC-MT
1,5-2,5 BA (3190593). BA = Bandkontakte

Your advantages
• Inexpensive connection of large quantities of preassembled conductors
• Pull-out aid facilitates handling and allows the tensile force to be reduced at the contact point
• Can be combined with the MSTB 2,5 range
• Intuitive locking mechanism prevents accidental disconnection




Similar Part No. - 1824010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1824019 PHOENIX-1824019 Datasheet
100Kb / 4P
PCB terminal block - SPT-THR 1,5/ 7-H-5,08 P20 R56
More results


Similar Description - 1824010

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1731426 PHOENIX-1731426 Datasheet
57Kb / 4P
Printed-circuit board connector - ICC 2,5/ 4-STZ-5,08 BK W/O RN
1823846 PHOENIX-1823846 Datasheet
158Kb / 6P
ICC 2,5/ 2-STZ-5,08
1823859 PHOENIX-1823859 Datasheet
144Kb / 10P
Printed-circuit board connector - ICC 2,5/ 3-STZ-5,08
1823862 PHOENIX-1823862 Datasheet
66Kb / 3P
Printed-circuit board connector - ICC 2,5/ 4-STZ-5,08
1823639 PHOENIX-1823639 Datasheet
152Kb / 6P
ICC 2,5/ 4-STZFD-5,08
1823969 PHOENIX-1823969 Datasheet
63Kb / 3P
Printed-circuit board connector - ICC 2,5/14-STZ-5,08
1823998 PHOENIX-1823998 Datasheet
62Kb / 3P
Printed-circuit board connector - ICC 2,5/17-STZ-5,08
1709791 PHOENIX-1709791 Datasheet
394Kb / 13P
PCB connector - MSTB 2,5/ 2-STZ-5,08
Nov 30, 2022
1809640 PHOENIX-1809640 Datasheet
597Kb / 17P
MSTBC 2,5/16-STZ-5,08 - PCB connector
1860947 PHOENIX-1860947 Datasheet
390Kb / 13P
FKCOW 2,5/19-STF-5,08 - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com