Electronic Components Datasheet Search
  English  ▼

X  

1788974 Datasheet (PDF) - PHOENIX CONTACT

1788974 Datasheet PDF - PHOENIX CONTACT
Part # 1788974
Download  1788974 Download
File Size   839.3 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-G-3,5 P14 THRR32 - PCB header

1788974 Datasheet (PDF)

Go To PDF Page Download Datasheet
1788974 Datasheet PDF - PHOENIX CONTACT

Part # 1788974
Download  1788974 Click to download

File Size   839.3 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MC 1,5/ 3-G-3,5 P14 THRR32 - PCB header

1788974 Datasheet (HTML) - PHOENIX CONTACT


1788974 Product details

PCB headers, nominal cross section: 1.5 mm2, color: black, nominal current: 8 A, rated voltage
(III/2): 160 V, contact surface: Tin, contact connection type: Pin, number of potentials: 3, number
of rows: 1, number of positions: 3, number of connections: 3, product range: MC 1,5/..-G-THR,
pitch: 3.5 mm, mounting: THR soldering, pin layout: Linear pinning, solder pin [P]: 1.4 mm,
number of solder pins per potential: 1, plug-in system: COMBICON MC 1,5, Pin connector
pattern alignment: Standard, locking: without, mounting: without, type of packaging: 32 mm wide
tape

Your advantages
• Designed for integration into the SMT soldering process
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1788974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1788978 PHOENIX-1788978 Datasheet
418Kb / 13P
MSTBVK 2,5/ 4-GF-5,08 - DIN rail connector
More results


Similar Description - 1788974

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1722105 PHOENIX-1722105 Datasheet
72Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,81 P14 THRR32
1722118 PHOENIX-1722118 Datasheet
73Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-G-3,81 P14 THRR32
1780202 PHOENIX-1780202 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 2-G-3,5 P14 THRR32
1844223 PHOENIX-1844223 Datasheet
162Kb / 5P
MC 1,5/ 3-G-3,5
1788534 PHOENIX-1788534 Datasheet
94Kb / 4P
Printed-circuit board connector - MC 1,5/ 3-G-3,5 P26 THRR32
1788990 PHOENIX-1788990 Datasheet
97Kb / 4P
Printed-circuit board connector - MC 1,5/ 4-G-3,5 P14 THRR32
1780228 PHOENIX-1780228 Datasheet
77Kb / 4P
Printed-circuit board connector - MCV 1,5/ 3-G-3,5 P14 THRR32
1731714 PHOENIX-1731714 Datasheet
519Kb / 13P
PCB header - MC 1,5/ 6-G-3,5-RN
1782381 PHOENIX-1782381 Datasheet
630Kb / 11P
MC 1,5/ 5-G-3,81 P14 THR - PCB header
1782433 PHOENIX-1782433 Datasheet
625Kb / 11P
MC 1,5/10-G-3,81 P14 THR - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com