Electronic Components Datasheet Search
  English  ▼

X  

SB840DC Datasheet (PDF) - Won-Top Electronics

SB840DC Datasheet PDF - Won-Top Electronics
Part # SB840DC
Download  SB840DC Download
File Size   56.13 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB840DC Datasheet (PDF)

Go To PDF Page Download Datasheet
SB840DC Datasheet PDF - Won-Top Electronics

Part # SB840DC
Download  SB840DC Click to download

File Size   56.13 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER

SB840DC Datasheet (HTML) - Won-Top Electronics


SB840DC Product details

Low Forward Voltage
Epitaxial Construction with Oxide Passivation
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 150A Peak
Low Power Loss, High Efficiency
Fast Switching
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB840DC

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
SB840DC PANJIT-SB840DC Datasheet
46Kb / 2P
D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER(VOLTAGE- 20 to 100 Volts CURRENT - 8.0 Amperes)
logo
Won-Top Electronics
SB840DC WTE-SB840DC Datasheet
49Kb / 4P
8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB840DC PANJIT-SB840DC Datasheet
1Mb / 2P
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB840DC PANJIT-SB840DC Datasheet
128Kb / 3P
D2PAK SURFACE MOUNTSCHOTTKY BARRIER RECTIFIER
logo
Zibo Seno Electronic En...
SB840DC ZSELEC-SB840DC Datasheet
147Kb / 2P
8.0 A SCHOTTKY BARRIER DIODE
More results


Similar Description - SB840DC

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB820D WTE-SB820D Datasheet
44Kb / 3P
8.0A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820CS WTE-SD820CS Datasheet
44Kb / 3P
8.0A KPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820S WTE-SD820S Datasheet
43Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD820YS WTE-SD820YS Datasheet
44Kb / 3P
8.0A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820CT WTE-SB820CT Datasheet
50Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB820D WTE-SB820D_06 Datasheet
49Kb / 4P
8.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB820DC WTE-SB820DC Datasheet
49Kb / 4P
8.0A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
SB820FCT WTE-SB820FCT Datasheet
49Kb / 4P
8.0A DUAL SCHOTTKY BARRIER RECTIFIER
SB8150D WTE-SB8150D Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SB8150DC WTE-SB8150DC Datasheet
47Kb / 4P
8.0A HIGH VOLTAGE SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com