Electronic Components Datasheet Search
  English  ▼

X  

SB1045D Datasheet (PDF) - Won-Top Electronics

SB1045D Datasheet PDF - Won-Top Electronics
Part # SB1045D
Download  SB1045D Download
File Size   55.52 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB1045D Datasheet (PDF)

Go To PDF Page Download Datasheet
SB1045D Datasheet PDF - Won-Top Electronics

Part # SB1045D
Download  SB1045D Click to download

File Size   55.52 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

SB1045D Datasheet (HTML) - Won-Top Electronics


SB1045D Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meet UL 94V-0 Classification
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Switching
Power Supplies




Similar Part No. - SB1045D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1045DC WTE-SB1045DC Datasheet
49Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
logo
Pan Jit International I...
SB1045DC PANJIT-SB1045DC Datasheet
426Kb / 2P
D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
SB1045DC PANJIT-SB1045DC Datasheet
124Kb / 3P
SCHOTTKY BARRIER RECTIFIERS
logo
Zibo Seno Electronic En...
SB1045DC ZSELEC-SB1045DC Datasheet
147Kb / 2P
10.0A SCHOTTKY BARRIER DIODE
logo
Won-Top Electronics
SB1045DC WTE-SB1045DC Datasheet
55Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
September, 2012
More results


Similar Description - SB1045D

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC Datasheet
46Kb / 3P
10A D2PAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020CS WTE-SD1020CS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020S WTE-SD1020S Datasheet
44Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
SD1020YS WTE-SD1020YS Datasheet
46Kb / 3P
10A DPAK SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBRD1035CTL DIODES-MBRD1035CTL Datasheet
63Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30286 Rev. B-2
MBRD1040CT DIODES-MBRD1040CT Datasheet
64Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30285 Rev. C-2
SBG1030CT DIODES-SBG1030CT Datasheet
45Kb / 2P
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. B-2
SBM1040CT DIODES-SBM1040CT Datasheet
72Kb / 3P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
DS30356 Rev. 2 - 1
SBG1030CT DIODES-SBG1030CT_1 Datasheet
77Kb / 3P
10A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30092 Rev. 4 - 2
logo
Won-Top Electronics
SB1020DC WTE-SB1020DC_06 Datasheet
49Kb / 4P
10A SURFACE MOUNT DUAL SCHOTTKY BARRIER RECTIFIER
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com