Electronic Components Datasheet Search
  English  ▼

X  

MBRD340/S Datasheet (PDF) - Won-Top Electronics

MBRD340/S Datasheet PDF - Won-Top Electronics
Part # MBRD340/S
Download  MBRD340/S Download
File Size   54.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MBRD340/S Datasheet (PDF)

Go To PDF Page Download Datasheet
MBRD340/S Datasheet PDF - Won-Top Electronics

Part # MBRD340/S
Download  MBRD340/S Click to download

File Size   54.34 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER

MBRD340/S Datasheet (HTML) - Won-Top Electronics


MBRD340/S Product details

Schottky Barrier Chip
Guard Ring Die Construction for
Transient Protection
High Surge Current Capability
Low Power Loss, High Efficiency
Ideally Suited for Automatic Assembly
For Use in Low Voltage, High Frequency
Inverters, Free Wheeling, and Polarity
Protection Applications




Similar Part No. - MBRD340/S

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MBRD340 MOTOROLA-MBRD340 Datasheet
93Kb / 4P
SWITCHMODE??Power Rectifirers DPAK Surface Mount Package
logo
ON Semiconductor
MBRD340 ONSEMI-MBRD340 Datasheet
64Kb / 6P
SWITCHMODE Power Rectifiers
December, 2004 ??Rev. 4
logo
International Rectifier
MBRD340 IRF-MBRD340 Datasheet
73Kb / 6P
SCHOTTKY RECTIFIER
logo
Vishay Siliconix
MBRD340 VISHAY-MBRD340 Datasheet
104Kb / 6P
Schottky Rectifier, 3.0 A
06-Jun-08
logo
Linear Technology
MBRD340 LINER-MBRD340 Datasheet
293Kb / 24P
42V, 2.5A, 2MHz Step-Down Switching Regulator with 2.7關A Quiescent Current
More results


Similar Description - MBRD340/S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SR32 WTE-SR32 Datasheet
48Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
logo
SUNMATE electronic Co.,...
S5820 SUNMATE-S5820 Datasheet
272Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
SM5820B SUNMATE-SM5820B Datasheet
217Kb / 2P
3.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
B340AQ DIODES-B340AQ Datasheet
412Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
B320AQ DIODES-B320AQ Datasheet
464Kb / 6P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2018 Rev. 2 - 2
B360AM DIODES-B360AM Datasheet
449Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
February 2015 Rev. 2 - 2
B370B DIODES-B370B Datasheet
108Kb / 4P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
May 2012 Rev. 2 - 2
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com