Electronic Components Datasheet Search
  English  ▼

X  

SB260S Datasheet (PDF) - Won-Top Electronics

SB260S Datasheet PDF - Won-Top Electronics
Part # SB260S
Download  SB260S Download
File Size   54.15 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SCHOTTKY BARRIER DIODE

SB260S Datasheet (PDF)

Go To PDF Page Download Datasheet
SB260S Datasheet PDF - Won-Top Electronics

Part # SB260S
Download  SB260S Click to download

File Size   54.15 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SCHOTTKY BARRIER DIODE

SB260S Datasheet (HTML) - Won-Top Electronics


SB260S Product details

Schottky Barrier Chip
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 50A Peak
Low Power Loss, High Efficiency
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB260S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB260S EIC-SB260S Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Won-Top Electronics
SB260S WTE-SB260S Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SB260S VISHAY-SB260S Datasheet
94Kb / 4P
Schottky Barrier Rectifier
19-May-08
logo
Gulf Semiconductor
SB260S GULFSEMI-SB260S Datasheet
386Kb / 2P
SCHOTTKY BARRIER RECTIFIER VOLTAGE: 60V CURRENT: 2.0A
logo
Sirectifier Global Corp...
SB260S SIRECT-SB260S Datasheet
214Kb / 2P
Power Schottky Rectifier - 2Amp 40~100Volt
More results


Similar Description - SB260S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SB220S WTE-SB220S Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com