Electronic Components Datasheet Search
  English  ▼

X  

SB240S Datasheet (PDF) - Won-Top Electronics

SB240S Datasheet PDF - Won-Top Electronics
Part # SB240S
Download  SB240S Download
File Size   54.15 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SCHOTTKY BARRIER DIODE

SB240S Datasheet (PDF)

Go To PDF Page Download Datasheet
SB240S Datasheet PDF - Won-Top Electronics

Part # SB240S
Download  SB240S Click to download

File Size   54.15 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 2.0A SCHOTTKY BARRIER DIODE

SB240S Datasheet (HTML) - Won-Top Electronics


SB240S Product details

Schottky Barrier Chip
Guard Ring for Transient and ESD Protection
Surge Overload Rating to 50A Peak
Low Power Loss, High Efficiency
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - SB240S

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SB240S EIC-SB240S Datasheet
28Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
logo
Won-Top Electronics
SB240S WTE-SB240S Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
logo
Vishay Siliconix
SB240S VISHAY-SB240S Datasheet
94Kb / 4P
Schottky Barrier Rectifier
19-May-08
logo
Sirectifier Global Corp...
SB240S SIRECT-SB240S Datasheet
214Kb / 2P
Power Schottky Rectifier - 2Amp 40~100Volt
logo
EIC discrete Semiconduc...
SB240S EIC-SB240S Datasheet
36Kb / 2P
SCHOTTKY BARRIER RECTIFIER DIODES
More results


Similar Description - SB240S

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
SB220 WTE-SB220_06 Datasheet
60Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SB220S WTE-SB220S Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
SR220 WTE-SR220_06 Datasheet
54Kb / 4P
2.0A SCHOTTKY BARRIER DIODE
logo
Sanyo Semicon Device
SS2003M SANYO-SS2003M Datasheet
32Kb / 3P
Schottky Barrier Diode 30V, 2.0A Rectifier
logo
SUNMATE electronic Co.,...
SR220 SUNMATE-SR220 Datasheet
135Kb / 2P
2.0A Axial Leaded Schottky Barrier Diode
logo
Zibo Seno Electronic En...
SB220 ZSELEC-SB220 Datasheet
138Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
SR220 ZSELEC-SR220 Datasheet
115Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
20BQ020 ZSELEC-20BQ020 Datasheet
151Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER DIODE
MBR220 ZSELEC-MBR220 Datasheet
136Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
MS202 ZSELEC-MS202 Datasheet
135Kb / 2P
2.0A SCHOTTKY BARRIER DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com