Electronic Components Datasheet Search
  English  ▼

X  

S40D200C Datasheet (PDF) - Won-Top Electronics

S40D200C Datasheet PDF - Won-Top Electronics
Part # S40D200C
Download  S40D200C Download
File Size   55.47 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER

S40D200C Datasheet (PDF)

Go To PDF Page Download Datasheet
S40D200C Datasheet PDF - Won-Top Electronics

Part # S40D200C
Download  S40D200C Click to download

File Size   55.47 Kbytes
Page   4 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 40A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER

S40D200C Datasheet (HTML) - Won-Top Electronics


S40D200C Product details

Schottky Barrier Chip
Guard Ring for Transient Protection
Low Forward Voltage Drop
Low Power Loss, High Efficiency
High Surge Current Capability
Epoxy Meets UL 94V-0 Classification
Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes




Similar Part No. - S40D200C

ManufacturerPart #DatasheetDescription
logo
GeneSiC Semiconductor, ...
S40D GENESIC-S40D Datasheet
585Kb / 3P
Silicon Standard Recovery Diode
S40D GENESIC-S40D Datasheet
605Kb / 3P
Silicon Standard Recovery Diode
S40D GENESIC-S40D Datasheet
781Kb / 3P
Silicon Standard Recovery Diode
logo
Mospec Semiconductor
S40D100 MOSPEC-S40D100 Datasheet
160Kb / 2P
Schottky Barrier Rectifiers
S40D100C MOSPEC-S40D100C Datasheet
104Kb / 2P
Schottky Barrier Rectifiers
More results


Similar Description - S40D200C

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT Datasheet
89Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. E-2
SBL4030PT DIODES-SBL4030PT Datasheet
54Kb / 2P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. A-2
MBR4030PT DIODES-MBR4030PT_1 Datasheet
63Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS23019 Rev. 8 - 2
SBL4030PT DIODES-SBL4030PT_1 Datasheet
71Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
DS30236 Rev. 3 - 2
logo
Won-Top Electronics
SB10150FCT WTE-SB10150FCT Datasheet
48Kb / 4P
10A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
SB20150CT WTE-SB20150CT Datasheet
48Kb / 4P
20A HIGH VOLTAGE DUAL SCHOTTKY BARRIER RECTIFIER
logo
Diodes Incorporated
MBR4030PT DIODES-MBR4030PT_15 Datasheet
69Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
SBL4030PT DIODES-SBL4030PT_15 Datasheet
67Kb / 3P
40A SCHOTTKY BARRIER RECTIFIER
Rev erse
logo
Chongqing Pingwei Enter...
PS40U150CT CHONGQING-PS40U150CT Datasheet
212Kb / 1P
40A Schottky Barrier Rectifier
logo
Chip Integration Techno...
CF4060CT CITC-CF4060CT Datasheet
500Kb / 3P
40A High Power Schottky Barrier Rectifier
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com