Electronic Components Datasheet Search
  English  ▼

X  

1924486 Datasheet (PDF) - PHOENIX CONTACT

1924486 Datasheet PDF - PHOENIX CONTACT
Part # 1924486
Download  1924486 Download
File Size   554.26 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5 HC/ 9-GF - PCB header

1924486 Datasheet (PDF)

Go To PDF Page Download Datasheet
1924486 Datasheet PDF - PHOENIX CONTACT

Part # 1924486
Download  1924486 Click to download

File Size   554.26 Kbytes
Page   14 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MSTBV 2,5 HC/ 9-GF - PCB header

1924486 Datasheet (HTML) - PHOENIX CONTACT


1924486 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see derating
curve), rated voltage (III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of
potentials: 9, number of rows: 1, number of positions: 9, number of connections: 9, product
range: MSTBV 2,5 HC/..-GF, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning,
solder pin [P]: 3.9 mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB
2,5 HC, Pin connector pattern alignment: Standard, locking: Screw locking mechanism,
mounting: Threaded flange, type of packaging: packed in cardboard

Your advantages
• Well-known mounting principle allows worldwide use
• Screwable flange for superior mechanical stability
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies




Similar Part No. - 1924486

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
1924487-1 MACOM-1924487-1 Datasheet
1Mb / 34P
AMPSEAL 16 Connector System
logo
TE Connectivity Ltd
1924487-1 TEC-1924487-1 Datasheet
335Kb / 2P
THIS DRAWING IS A CONTROLLED DOCUMENT.
1924487-1 TEC-1924487-1 Datasheet
2Mb / 29P
AMPSEAL 16 Coaxial Connector System
AUG 2021 REV A3
1924487-1 TEC-1924487-1 Datasheet
5Mb / 164P
CONNECTOR SELECTOR
logo
Tyco Electronics
1924487-2 MACOM-1924487-2 Datasheet
1Mb / 34P
AMPSEAL 16 Connector System
More results


Similar Description - 1924486

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1924431 PHOENIX-1924431 Datasheet
332Kb / 11P
PCB header - MSTBV 2,5 HC/ 4-GF
Jan 3, 2023
1924525 PHOENIX-1924525 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 2-GF-5,08
Dec 30, 2022
1924538 PHOENIX-1924538 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 3-GF-5,08
Jan 3, 2023
1924541 PHOENIX-1924541 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 4-GF-5,08
Dec 30, 2022
1924567 PHOENIX-1924567 Datasheet
331Kb / 11P
PCB header - MSTBV 2,5 HC/ 6-GF-5,08
Jan 3, 2023
1924428 PHOENIX-1924428 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/ 3-GF
1924457 PHOENIX-1924457 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/ 6-GF
1924583 PHOENIX-1924583 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/ 8-GF-5,08
1924606 PHOENIX-1924606 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/10-GF-5,08
1924622 PHOENIX-1924622 Datasheet
335Kb / 11P
PCB header - MSTBV 2,5 HC/12-GF-5,08
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com