Electronic Components Datasheet Search
  English  ▼

X  

1846166 Datasheet (PDF) - PHOENIX CONTACT

1846166 Datasheet PDF - PHOENIX CONTACT
Part # 1846166
Download  1846166 Download
File Size   999.81 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/10-GF - PCB header

1846166 Datasheet (PDF)

Go To PDF Page Download Datasheet
1846166 Datasheet PDF - PHOENIX CONTACT

Part # 1846166
Download  1846166 Click to download

File Size   999.81 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MDSTBV 2,5/10-GF - PCB header

1846166 Datasheet (HTML) - PHOENIX CONTACT


1846166 Product details

PCB headers, nominal cross section: 2.5 mm2, color: green, nominal current: 10 A, rated voltage
(III/2): 320 V, contact surface: Tin, contact connection type: Pin, number of potentials: 20,
number of rows: 2, number of positions: 10, number of connections: 20, product range: MDSTBV
2,5/..-GF, pitch: 5 mm, mounting: Wave soldering, pin layout: Linear pinning, solder pin [P]: 3.9
mm, number of solder pins per potential: 1, plug-in system: COMBICON MSTB 2,5, Pin
connector pattern alignment: Standard, locking: Screw locking mechanism, mounting: Threaded
flange, type of packaging: packed in cardboard, The article can be aligned to create different
nos. of positions! In combination with MVSTB or FKCV plug components, both an MVSTBW (or
FKCVW) and an MVSTBR plug (or FKCVR) must be used. Combination with TMSTBP plug
components is not possible!

Your advantages
• Maximum flexibility when it comes to device design – one header for connectors with different connection technologies
• Easy PCB replacement thanks to plug-in modules
• Well-known mounting principle allows worldwide use
• Conductor connection on several levels enables higher contact density
• Screwable flange for superior mechanical stability




Similar Part No. - 1846166

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1846160000 WEIDMULLER-1846160000 Datasheet
507Kb / 5P
SLS 5.08/10/180TB KF SN OR BX
More results


Similar Description - 1846166

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1846182 PHOENIX-1846182 Datasheet
77Kb / 4P
Housing - MDSTBV 2,5/12-GF
1846124 PHOENIX-1846124 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 6-GF
1846137 PHOENIX-1846137 Datasheet
77Kb / 4P
Base strip - MDSTBV 2,5/ 7-GF
1845633 PHOENIX-1845633 Datasheet
273Kb / 14P
Feed-through header - MDSTBV 2,5/ 2-GF-5,08
09/12/2020
1845714 PHOENIX-1845714 Datasheet
571Kb / 17P
PCB header - MDSTBV 2,5/10-GF-5,08
Nov 30, 2022
1845992 PHOENIX-1845992 Datasheet
534Kb / 16P
PCB header - MDSTBV 2,5/ 8-G
Dec 30, 2022
1846771 PHOENIX-1846771 Datasheet
991Kb / 17P
MDSTB 2,5/10-GF - PCB header
1825200 PHOENIX-1825200 Datasheet
649Kb / 13P
IC 2,5/10-GF-5,08 - PCB header
1825776 PHOENIX-1825776 Datasheet
630Kb / 13P
ICV 2,5/10-GF-5,08 - PCB header
1845730 PHOENIX-1845730 Datasheet
1Mb / 22P
MDSTBV 2,5/12-GF-5,08 - PCB header
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com