Electronic Components Datasheet Search
  English  ▼

X  

1779783 Datasheet (PDF) - PHOENIX CONTACT

1779783 Datasheet PDF - PHOENIX CONTACT
Part # 1779783
Download  1779783 Download
File Size   717.21 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT-MSTB 2,5/16-STF - PCB connector

1779783 Datasheet (PDF)

Go To PDF Page Download Datasheet
1779783 Datasheet PDF - PHOENIX CONTACT

Part # 1779783
Download  1779783 Click to download

File Size   717.21 Kbytes
Page   16 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FRONT-MSTB 2,5/16-STF - PCB connector

1779783 Datasheet (HTML) - PHOENIX CONTACT


1779783 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, contact connection type: Socket, number of potentials:
16, number of rows: 1, number of positions: 16, number of connections: 16, product range:
FRONT-MSTB 2,5/..-STF, pitch: 5 mm, connection method: Front screw connection, screw head
form: L Slotted, conductor/PCB connection direction: 0 °, locking clip: - Locking clip, plug-in
system: COMBICON MSTB 2,5, locking: Screw locking mechanism, mounting: Screw flange,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Optimized for tight installation situations: operation and conductor connection from one direction
• Screwable flange for superior mechanical stability
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors




Similar Part No. - 1779783

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1779709 PHOENIX-1779709 Datasheet
108Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/ 8-STF
1779709 PHOENIX-1779709 Datasheet
434Kb / 14P
MSTB 2,5/ 8-GF
1779712 PHOENIX-1779712 Datasheet
148Kb / 6P
FRONT-MSTB 2,5/ 9-STF
1779725 PHOENIX-1779725 Datasheet
79Kb / 6P
Printed-circuit board connector - FRONT-MSTB 2,5/10-STF
1779725 PHOENIX-1779725 Datasheet
156Kb / 5P
MSTB 2,5/10-GF
More results


Similar Description - 1779783

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1777934 PHOENIX-1777934 Datasheet
124Kb / 9P
Printed-circuit board connector - FRONT-MSTB 2,5/16-STF-5,08
1778124 PHOENIX-1778124 Datasheet
152Kb / 7P
MSTB 2,5/16-STF-5,08
1719639 PHOENIX-1719639 Datasheet
112Kb / 2P
FRONT-MSTB 2,5/14-STF-5,08 BK
1779712 PHOENIX-1779712 Datasheet
148Kb / 6P
FRONT-MSTB 2,5/ 9-STF
1777918 PHOENIX-1777918 Datasheet
157Kb / 6P
FRONT-MSTB 2,5/14-STF-5,08
1912139 PHOENIX-1912139 Datasheet
418Kb / 15P
PCB connector - MSTB 2,5 HC/ 8-STF
1779657 PHOENIX-1779657 Datasheet
768Kb / 17P
FRONT-MSTB 2,5/ 3-STF - PCB connector
1786954 PHOENIX-1786954 Datasheet
900Kb / 17P
MSTB 2,5/14-STF - PCB connector
1912142 PHOENIX-1912142 Datasheet
417Kb / 15P
MSTB 2,5 HC/ 9-STF - PCB connector
1786925 PHOENIX-1786925 Datasheet
942Kb / 18P
MSTB 2,5/11-STF - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com