Electronic Components Datasheet Search
  English  ▼

X  

1239544 Datasheet (PDF) - PHOENIX CONTACT

1239544 Datasheet PDF - PHOENIX CONTACT
Part # 1239544
Download  1239544 Download
File Size   266.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL4FEM16/0,2GR-1,5X - Device connector rear mounting

1239544 Datasheet (PDF)

Go To PDF Page Download Datasheet
1239544 Datasheet PDF - PHOENIX CONTACT

Part # 1239544
Download  1239544 Click to download

File Size   266.97 Kbytes
Page   9 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SACC-DSI-M12FSL4FEM16/0,2GR-1,5X - Device connector rear mounting

1239544 Datasheet (HTML) - PHOENIX CONTACT


1239544 Product details

Device connector rear mounting, Power, 5-position, Socket, straight, M12-Standard, coding: L,
on free cable end, Rear mounting, M16 x 1.5, Individual wires, cable length: 0.2 m, 1.31 mm2,
UL/cUL stranded hook-up wire, Item is lead-free in accordance with RoHS II without
Exemption 6c (Pb < 0.1 %)

Your advantages
• For compact devices: transmit high power in a confined space
• Easy-to-install, optimized XL housing contour with wrench size 19
• Mechanical tightening limitation for long-term-stable gasket
• Preassembled with litz wires for immediate use
• Customer-specific assemblies and litz wire lengths available
• Sealed on the litz wire side for optimum leak-tightness
• For high transmission safety: shield connection to the housing with optional EMC nut




Similar Part No. - 1239544

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1239541 PHOENIX-1239541 Datasheet
251Kb / 8P
SACC-E-M12MSL4FEM16XL/0,2GR-1,5X - Device connector front mounting
1239542 PHOENIX-1239542 Datasheet
278Kb / 9P
SACC-E-M12FSL4FEM16XL/0,2GR/-1,5X - Device connector front mounting
1239543 PHOENIX-1239543 Datasheet
274Kb / 9P
SACC-DSI-M12MSL4FEM16/0,2GR-1,5X - Device connector rear mounting
1239545 PHOENIX-1239545 Datasheet
281Kb / 9P
SACC-E-M12MSL4CONM16XL/0,2-1,5X - Device connector front mounting
1239546 PHOENIX-1239546 Datasheet
321Kb / 10P
SACC-E-M12FSL4CONM16XL/0,2-1,5X - Device connector front mounting
More results


Similar Description - 1239544

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1425584 PHOENIX-1425584 Datasheet
308Kb / 8P
SACC-DSI-M12MSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425590 PHOENIX-1425590 Datasheet
349Kb / 9P
SACC-DSI-M12MSL4FEM16XL-L180GR - Device connector, rear mounting
1425629 PHOENIX-1425629 Datasheet
351Kb / 10P
SACC-DSI-M12MSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
1425630 PHOENIX-1425630 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FEM16/0,2GR-1,5 - Device connector, rear mounting
1425585 PHOENIX-1425585 Datasheet
319Kb / 10P
SACC-DSI-M12FSL4FE-M16XL/0,2GR - Device connector, rear mounting
1425592 PHOENIX-1425592 Datasheet
347Kb / 9P
SACC-DSI-M12MSL4CON-M16XL-L180 - Device connector, rear mounting
1425633 PHOENIX-1425633 Datasheet
346Kb / 10P
SACC-DSI-M12MSL4CONM16/0,2-1,5 - Device connector, rear mounting
1425591 PHOENIX-1425591 Datasheet
362Kb / 9P
SACC-DSI-M12FSL4FEM16XL-L180GR - Device connector, rear mounting
1239522 PHOENIX-1239522 Datasheet
308Kb / 8P
SACC-DSI-M12FSL4FEM16XL-L180GRX - Device connector, rear mounting
1239521 PHOENIX-1239521 Datasheet
315Kb / 8P
SACC-DSI-M12MSL4FEM16XL-L180GRX - Device connector, rear mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com