Electronic Components Datasheet Search
  English  ▼

X  

TLV1811 Datasheet (PDF) - Texas Instruments

TLV1811 Datasheet PDF - Texas Instruments
Part # TLV1811
Download  TLV1811 Download
File Size   4903.87 Kbytes
Page   71 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options

TLV1811 Datasheet (PDF)

Go To PDF Page Download Datasheet
TLV1811 Datasheet PDF - Texas Instruments

Part # TLV1811
Download  TLV1811 Click to download

File Size   4903.87 Kbytes
Page   71 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options

TLV1811 Datasheet (HTML) - Texas Instruments


TLV1811 Product details

1 Features
• Wide 2.4 V to 40 V supply range
• Rail-to-rail input
• Power-On Reset (POR) for known start-up
• Low input offset voltage 500 μV
• 420ns typical propagation delay
• Low quiescent current 5 μA per channel
• Low input bias current 150 fA
• Open-drain output option (TLV182x)
• Push-pull output option (TLV181x)
• Full -40°C to +125°C temperature range
• 2 kV ESD protection
• Functional Safety-Capable
– Documentation available to aid functional safety
system design

2 Applications
• Appliances
• Factory automation and control
• Motor drives
• Infotainment and cluster

3 Description
The TLV181x and TLV182x are a family of 40
Volt single, dual and quad channel comparators
with multiple output options. The family offers railto-
rail inputs with push-pull or open-drain output
options. The family has an excellent speed-to-power
combination with a propagation delay of 420 ns with
a full supply voltage range of 2.4 V to 40 V with a
quiescent supply current of only 5 μA per channel.
All devices include a Power-On Reset (POR) feature.
This makes sure the output is in a known state until
the minimum supply voltage has been reached before
the output responds to the inputs, thus preventing
false outputs during system power-up and powerdown.
The TLV181x comparators have a push-pull output
stage capable of sinking and sourcing milliamps
of current when controlling an LED or driving a
capacitive load such as a MOSFET gate.
The TLV182x comparators have an open-drain output
stage that can be pulled up to 40 V independent of
comparator supply voltage.




Similar Part No. - TLV1811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1811 TI-TLV1811 Datasheet
1Mb / 29P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1811 TI-TLV1811 Datasheet
1Mb / 36P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1811 TI-TLV1811 Datasheet
1Mb / 39P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED DECEMBER 2022
TLV1811 TI-TLV1811 Datasheet
1Mb / 38P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
TLV1811 TI-TLV1811 Datasheet
1Mb / 40P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
More results


Similar Description - TLV1811

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLV1812 TI-TLV1812 Datasheet
1Mb / 29P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1812 TI-TLV1812_V01 Datasheet
1Mb / 36P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED NOVEMBER 2022
TLV1811 TI-TLV1811 Datasheet
1Mb / 39P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED DECEMBER 2022
TLV1811-Q1 TI-TLV1811-Q1_V01 Datasheet
1Mb / 40P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED MARCH 2023
TLV1811 TI-TLV1811_V01 Datasheet
1Mb / 40P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI-TLV1811_V02 Datasheet
1Mb / 41P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V03 Datasheet
2Mb / 46P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811-Q1 TI1-TLV1811-Q1_V04 Datasheet
2Mb / 46P
TLV181x-Q1 and TLV182x-Q1 Family of 40 V Automotive Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V04 Datasheet
2Mb / 49P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
TLV1811 TI1-TLV1811_V05 Datasheet
3Mb / 57P
TLV181x and TLV182x Family of 40 V Rail-to-Rail Input Comparators with Push-Pull or Open-Drain Output Options
REVISED SEPTEMBER 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com