Electronic Components Datasheet Search
  English  ▼

X  

CC2652R Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
CC2652R Datasheet PDF - Texas Instruments
Part # CC2652R
Download  CC2652R Download
File Size   3507.74 Kbytes
Page   64 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU

CC2652R Datasheet (PDF)

Go To PDF Page Download Datasheet
CC2652R Datasheet PDF - Texas Instruments

Part # CC2652R
Download  CC2652R Click to download

File Size   3507.74 Kbytes
Page   64 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description CC2340R2 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU

CC2652R Datasheet (HTML) - Texas Instruments


CC2652R Product details

1 Features
Wireless microcontroller
• Optimized 48-MHz Arm® Cortex®-M0+ processor
• 256 KB of in-system programmable flash
• 12 KB of ROM for bootloader and drivers
• 28 KB of ultra-low leakage SRAM. Full RAM
retention in standby mode
• 2.4 GHz RF transceiver compatible with
Bluetooth® 5.3 Low Energy
• Integrated balun
• Supports over-the-air upgrade (OTA)
• Serial Wire Debug (SWD)
Low power consumption
• MCU consumption:
– 2.6 mA active mode, CoreMark®
– 53 μA/MHz running CoreMark®
– < 710 nA standby mode, RTC, 28 KB RAM
– 165 nA shutdown mode, wake-up on pin
• Radio Consumption:
– 5.3 mA RX
– 5.1 mA TX at 0 dBm
– < 11.0 mA TX at +8 dBm
Wireless protocol support
• Bluetooth® 5.3 Low Energy
High-performance radio
• -102 dBm for Bluetooth® Low Energy 125 kbps
• -96.5 dBm for Bluetooth® Low Energy 1 Mbps
• Output power up to +8 dBm with temperature
compensation
Regulatory compliance
• Suitable for systems targeting compliance with
these standards:
– EN 300 328 (Europe)
– FCC CFR47 Part 15
– ARIB STD-T66 (Japan)
MCU peripherals
• 12 I/O Pads
– 2 IO pads SWD, muxed with GPIOs
– 2 IO pads LFXT, muxed with GPIOs
– 8 DIOs (analog or digital IOs)
• 2 × 16-bit general-purpose timers, quadrature
decode mode support
• 12-bit ADC, 1.2 Msps with external reference, 267
ksps with internal reference, 4 external ADC inputs
• 1× low power comparator
• 1× UART
• 1× SPI
• 1× I2C
• Real-time clock (RTC)
• Integrated temperature and battery monitor
• Watchdog timer
Security enablers
• AES 128-bit cryptographic accelerator
• Random number generator from on-chip analog
noise
Development tools and software
• LP-EM-CC2340R5 LaunchPad Development Kit
• SimpleLink™ CC23xx Software Development Kit
(SDK)
• SmartRF™ Studio for simple radio configuration
• SysConfig system configuration tool
Operating range
• On-chip buck DC/DC converter
• 1.71-V to 3.8-V single supply voltage
• Tj: -40 to +85°C
RoHS-compliant package
• 4-mm × 4-mm RGE QFN24 (12 GPIOs)

2 Applications
• Medical
– Home healthcare – blood glucose monitors,
blood pressure monitor, CPAP machine,
electronic thermometer
– Patient monitoring & diagnostics – medical
sensor patches
– Personal care & Fitness – electric toothbrush,
wearable fitness & activity monitor
• Building automation
– Building security systems – motion detector,
electronic smart lock, door and window sensor,
garage door system, gateway
– HVAC – thermostat, wireless environmental
sensor
– Fire safety system – smoke and heat detector
– Video surveillance – IP network camera
• Lighting
– LED luminaire
– Lighting Control – daylight sensor, lighting
sensor, wireless control
• Factory automation and control
• Communication equipment
– Wired networking
– wireless LAN or Wi-Fi access points, edge
router
• Personal electronics
– Connected peripherals – consumer wireless
module, pointing devices, keyboards and
keypads
– Gaming – electronic and robotic toys
– Wearables (non-medical) – smart trackers,
smart clothing

3 Description
The SimpleLink™ CC2340R2 device is a 2.4 GHz wireless microcontroller (MCU) targeting Bluetooth® 5 Low
Energy and Zigbee®. The device is optimized for low-power wireless communication as an entry-level SoC
(system-on-chip) to enable a broad range of end products in categories such as medical, building automation,
beacons, asset tracking, disposables, smart grid and personal electronics. Additionally, the CC2340R2 device
can function as an attached Bluetooth Low Energy network processor (or “data pump”) adding full Bluetooth Low
Energy capability to the main MCU via a serial interface. Highlighted features of this device include:
• Support for Bluetooth ® 5 features: High Speed Mode (2 Mbps PHY), Long Range (LE Coded 125 kbps and
500 kbps PHYs), Privacy 1.2.1 and Channel Selection Algorithm #2, as well as backwards compatibility and
support for key features from the Bluetooth ® 4.2 and earlier Low Energy specifications.
• Fully-qualified Bluetooth ® 5.3 software protocol stack included with the SimpleLink™ CC23xx Software
Development Kit (SDK).
• Zigbee® Green Power protocol stack support in the SimpleLink™ CC23xx Software Development Kit (SDK) 1
• Ultra-low standby current less than 0.71 μA with RTC operational and full RAM retention that enables
significant battery life extension especially for applications with longer sleep intervals.
• Integrated balun for reduced Bill-of-Material (BOM) board layout.
• Excellent radio sensitivity and robustness (selectivity and blocking) performance for Bluetooth ® Low Energy
(-102 dBm for 125 kbps LE Coded PHY, with integrated balun).
• Pin to Pin compatible with CC2340R5 RGE Package.
The CC2340R2 device is part of the SimpleLink™ MCU platform, which consists of Wi-Fi®, Bluetooth Low
Energy, Thread, Zigbee, Sub-1 GHz MCUs, and host MCUs that all share a common, easy-to-use development
environment with a single core software development kit (SDK) and rich tool set. A one-time integration of the
SimpleLink™ platform enables you to add any combination of the portfolio’s devices into your design, allowing
100 percent code reuse when your design requirements change. For more information, visit SimpleLink™ MCU
platform.




Similar Part No. - CC2652R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2652R TI1-CC2652R Datasheet
1Mb / 47P
SimpleLink Multiprotocol 2.4-GHz Wireless MCU
CC2652R TI-CC2652R Datasheet
2Mb / 58P
CC2652R7 SimpleLink??Multiprotocol 2.4 GHz Wireless MCU
CC2652R TI-CC2652R Datasheet
3Mb / 63P
CC2651P3 SimpleLink??Single-Protocol 2.4 GHz Wireless MCU With Integrated Power Amplifier
MARCH 2022
CC2652R TI-CC2652R Datasheet
2Mb / 72P
CC2652PSIP SimpleLink??Multiprotocol 2.4-GHz Wireless System-in-Package With Integrated Power Amplifier
JUNE 2022
CC2652R TI-CC2652R Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
More results


Similar Description - CC2652R

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CC2540T TI-CC2540T_15 Datasheet
1,014Kb / 37P
SimpleLink CC2540T 2.4-GHz Bluetooth Low Energy Wireless MCU
CC2541-Q1 TI-CC2541-Q1_15 Datasheet
984Kb / 35P
CC2541-Q1 SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2541-Q1 TI1-CC2541-Q1 Datasheet
987Kb / 35P
SimpleLink Bluetooth Low Energy Wireless MCU for Automotive
CC2640R2F TI1-CC2640R2F Datasheet
1Mb / 64P
SimpleLink Bluetooth low energy Wireless MCU
CC2640R2F-Q1 TI1-CC2640R2F-Q1 Datasheet
1Mb / 40P
SimpleLink Bluetooth low energy Wireless MCU for Automotive
CC2642R TI1-CC2642R Datasheet
1,016Kb / 45P
SimpleLink Bluetooth 5 low energy Wireless MCU
logo
NXP Semiconductors
QN9090 NXP-QN9090 Datasheet
1Mb / 99P
Bluetooth Low Energy 5.0 wireless MCU
logo
Texas Instruments
CC2642R-Q1 TI-CC2642R-Q1_V01 Datasheet
1Mb / 54P
CC2642R-Q1 SimpleLink™ Bluetooth® 5.2 Low Energy Wireless MCU
REVISED JUNE 2022
logo
NXP Semiconductors
KW45B NXP-KW45B Datasheet
1Mb / 94P
Highly Secure, Bluetooth Low Energy 5.3 Wireless MCU with CAN FD
Rev. 9 - 12/2022
logo
Texas Instruments
CC2340R5 TI-CC2340R5 Datasheet
2Mb / 64P
CC2340R5 SimpleLink™ Bluetooth ® 5.3 Low Energy Wireless MCU
REVISED MAY 2023
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com