Electronic Components Datasheet Search
  English  ▼

X  

HH-109 Datasheet (PDF) - Tyco Electronics

HH-109 Datasheet PDF - Tyco Electronics
Part # HH-109
Download  HH-109 Download
File Size   125.86 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hybrid Junction, 5 - 200 MHz

HH-109 Datasheet (PDF)

Go To PDF Page Download Datasheet
HH-109 Datasheet PDF - Tyco Electronics

Part # HH-109
Download  HH-109 Click to download

File Size   125.86 Kbytes
Page   2 Pages
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics
Description Hybrid Junction, 5 - 200 MHz

HH-109 Datasheet (HTML) - Tyco Electronics




Similar Part No. - HH-109

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-109 MACOM-HH-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
logo
Tyco Electronics
HH-109PIN MACOM-HH-109PIN Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
logo
M/A-COM Technology Solu...
HH-109PIN MA-COM-HH-109PIN Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
More results


Similar Description - HH-109

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
HH-108 MACOM-HH-108 Datasheet
94Kb / 2P
High-Power Hybrid Junction 200 kHz - 35 MHz
HHS-109 MACOM-HHS-109 Datasheet
84Kb / 2P
Hybrid Junction 5 - 200 MHz
H-1-4 MACOM-H-1-4 Datasheet
102Kb / 1P
UHF Hybrid Junction 5 MHz - 1 GHz
HH-106 MACOM-HH-106_1 Datasheet
115Kb / 2P
180 Hybrid Junction, 2 - 200 MHz
HH-127 MACOM-HH-127_1 Datasheet
133Kb / 3P
Hybrid Junction, 10 - 500 MHz
logo
M/A-COM Technology Solu...
HH-106 MA-COM-HH-106 Datasheet
70Kb / 2P
180쨘 Hybrid Junction, 2 - 200 MHz
HH-110 MA-COM-HH-110 Datasheet
89Kb / 3P
Hybrid Junction, 10 - 500 MHz
HH-109 MA-COM-HH-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-_HHS-109 MA-COM-HH-_HHS-109 Datasheet
71Kb / 2P
Hybrid Junction, 5 - 200 MHz
HH-106_107 MA-COM-HH-106_107 Datasheet
70Kb / 2P
180o Hybrid Junction, 2 - 200 MHz
More results




About Tyco Electronics


Tyco Electronics was a leading provider of electronic components, network solutions, and wireless systems. The company was originally established in 1999 as Tyco International and was later renamed Tyco Electronics in 2007. Tyco Electronics had a global presence, with operations in over 50 countries and a workforce of approximately 20,000 employees.

The company provided a wide range of products and services, including connectors, relays, power management solutions, circuit protection devices, and other electronic components for a variety of industries, including automotive, communications, medical, industrial, and consumer electronics. Tyco Electronics was known for its focus on quality, reliability, and innovation, and was recognized as a leader in the electronics industry.

In 2012, Tyco Electronics was acquired by TE Connectivity, a leading provider of connectivity and sensor solutions. The acquisition helped TE Connectivity expand its product portfolio and offerings in the electronics industry and further strengthen its position in the market. Tyco Electronics is now a subsidiary of TE Connectivity and continues to provide high-quality products and services to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com