Electronic Components Datasheet Search
  English  ▼

X  

1500664 Datasheet (PDF) - PHOENIX CONTACT

1500664 Datasheet PDF - PHOENIX CONTACT
Part # 1500664
Download  1500664 Download
File Size   681.02 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS/10,0-PUR SH - Sensor/actuator cable

1500664 Datasheet (PDF)

Go To PDF Page Download Datasheet
1500664 Datasheet PDF - PHOENIX CONTACT

Part # 1500664
Download  1500664 Click to download

File Size   681.02 Kbytes
Page   19 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MS/10,0-PUR SH - Sensor/actuator cable

1500664 Datasheet (HTML) - PHOENIX CONTACT


1500664 Product details

Sensor/actuator cable, 3-position, PUR halogen-free, black-gray RAL 7021, shielded (Braided
copper wires), Advanced Shielding Technology, Plug straight M12, coding: A, on free cable end,
cable length: 10 m

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Reliable signal transmission – 360° shielding in environments with electromagnetic interference




Similar Part No. - 1500664

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1500660000 WEIDMULLER-1500660000 Datasheet
96Kb / 6P
BLT 5.08/7 SN SW
1500660000 WEIDMULLER-1500660000 Datasheet
96Kb / 6P
BLT 5.08/11 SN SW
1500660000 WEIDMULLER-1500660000 Datasheet
96Kb / 6P
BLT 5.08/14 SN SW
1500660000 WEIDMULLER-1500660000 Datasheet
96Kb / 6P
BLT 5.08/15 SN SW
1500660000 WEIDMULLER-1500660000 Datasheet
96Kb / 6P
BLT 5.08/18 SN SW
More results


Similar Description - 1500664

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1400641 PHOENIX-1400641 Datasheet
105Kb / 7P
Sensor/Actuator cable - SAC-3P-10,0-PUR/C
1400732 PHOENIX-1400732 Datasheet
109Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/A
1438862 PHOENIX-1438862 Datasheet
105Kb / 8P
Sensor/Actuator cable - SAC-3P-10,0-PUR/BI
1442340 PHOENIX-1442340 Datasheet
127Kb / 10P
Sensor/actuator cable - SAC-3P-M12MS/10,0-PUR P
09/11/2020
1696442 PHOENIX-1696442 Datasheet
85Kb / 5P
Sensor/actuator cable - SAC-4P-M12MS/10,0-PUR/M12FR
12/07/2018
1522529 PHOENIX-1522529 Datasheet
556Kb / 17P
Sensor/actuator cable - SAC-8P-M12MS/10,0-PUR
Sep 29, 2022
1476788 PHOENIX-1476788 Datasheet
1Mb / 8P
SAC-3P-10,0-PUR/P12FS SH - Sensor/actuator cable
1476803 PHOENIX-1476803 Datasheet
1Mb / 8P
SAC-3P-P12MS/10,0-PUR SH - Sensor/actuator cable
1476782 PHOENIX-1476782 Datasheet
376Kb / 8P
SAC-3P-10,0-PUR/P12FR SH - Sensor/actuator cable
1476796 PHOENIX-1476796 Datasheet
391Kb / 8P
SAC-3P-P12MR/10,0-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com