Electronic Components Datasheet Search
  English  ▼

X  

K847P Datasheet (PDF) - TELEFUNKEN Elektroakustik

K847P Datasheet PDF - TELEFUNKEN Elektroakustik
Part # K847P
Download  K847P Download
File Size   166.93 Kbytes
Page   9 Pages
Manufacturer  TELEFUNKEN [TELEFUNKEN Elektroakustik]
Direct Link  https://www.telefunken-elektroakustik.com/
Logo TELEFUNKEN - TELEFUNKEN Elektroakustik
Description Multichannel Optocoupler with Phototransistor Output

K847P Datasheet (PDF)

Go To PDF Page Download Datasheet
K847P Datasheet PDF - TELEFUNKEN Elektroakustik

Part # K847P
Download  K847P Click to download

File Size   166.93 Kbytes
Page   9 Pages
Manufacturer  TELEFUNKEN [TELEFUNKEN Elektroakustik]
Direct Link  https://www.telefunken-elektroakustik.com/
Logo TELEFUNKEN - TELEFUNKEN Elektroakustik
Description Multichannel Optocoupler with Phototransistor Output

K847P Datasheet (HTML) - TELEFUNKEN Elektroakustik


K847P Product details

Description
The K827P and K847P consist of a phototransistor
optically coupled to a gallium arsenide infrared-emitting
diode in an 8-lead, resp. 16-lead plastic dual inline
package.
The elements are mounted on one leadframe using a
coplanar technique, providing a fixed distance between
input and output for highest safety requirements.

Applications
Galvanically separated circuits, non-interacting switches

Features
 K827P includes 2 isolator channels
 K847P includes 4 isolator channels
 DC isolation test voltage VIO = 2.5 kV
 Low coupling capacitance of typical 0.3 pF
 Current Transfer Ratio (CTR) of typical 100%
 Low temperature coefficient of CTR
 Wide ambient temperature range
 Underwriters Laboratory (UL) 1577
recognized, file No. E-76222




Similar Part No. - K847P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
K847PH VISHAY-K847PH Datasheet
235Kb / 9P
Optocoupler, Phototransistor Output
26-Oct-04
More results


Similar Description - K847P

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
CNY64 VISHAY-CNY64 Datasheet
174Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CNY65EXI VISHAY-CNY65EXI Datasheet
81Kb / 7P
Optocoupler with Phototransistor Output
11-Jan-99
CNY75 VISHAY-CNY75 Datasheet
186Kb / 10P
Optocoupler with Phototransistor Output
26-Oct-04
CQY80N VISHAY-CQY80N Datasheet
144Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
TCMT11 VISHAY-TCMT11 Datasheet
462Kb / 12P
Optocoupler with Phototransistor Output
15-Dec-00
logo
TEMIC Semiconductors
CNY74-2 TEMIC-CNY74-2 Datasheet
77Kb / 6P
Multichannel Optocoupler with Phototransistor Output
logo
Vishay Siliconix
CNY74-2H VISHAY-CNY74-2H Datasheet
198Kb / 9P
Multichannel Optocoupler with Phototransistor Output
19-Jul-99
CNY74-2H VISHAY-CNY74-2H_08 Datasheet
161Kb / 8P
Optocoupler, Phototransistor Output,Multichannel
K814P VISHAY-K814P_07 Datasheet
189Kb / 9P
Optocoupler with Phototransistor Output
11-Jan-99
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com