Electronic Components Datasheet Search
  English  ▼

X  

69472 Datasheet (PDF) - Turck, Inc.

69472 Datasheet PDF - Turck, Inc.
Part # 69472
Download  69472 Download
File Size   498.6 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Read/write Head IO-Link

69472 Datasheet (PDF)

Go To PDF Page Download Datasheet
69472 Datasheet PDF - Turck, Inc.

Part # 69472
Download  69472 Click to download

File Size   498.6 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Read/write Head IO-Link

69472 Datasheet (HTML) - Turck, Inc.


69472 Product details

Functional principle
The HF read/write heads operating at a frequency of 13.56 MHz form a transmission
zone the size of which (0…500 mm) varies,
depending on the combination of read/write
head and data carrier.
The read/write distances mentioned here only represent standard values measured under
laboratory conditions.
The read/write distances of the data carriers
for mounting in metal TW-R**-M(MF) were determined in metal.
Attainable distances may vary by up to 30 %
due to component tolerances, mounting conditions, ambient conditions and material qualities (especially when mounted in metal)
Testing of the application under real operating conditions is therefore essential, especially with read/write on-the-fly!




Similar Part No. - 69472

ManufacturerPart #DatasheetDescription
logo
Turck, Inc.
69472 TURCK-69472 Datasheet
650Kb / 7P
Read/write Head
2020-01-31
69472 TURCK-69472 Datasheet
639Kb / 7P
Read/write Head
2020-01-31
69472 TURCK-69472 Datasheet
693Kb / 7P
Read/Write Head for Bus Line Topology with TBEN-*
2020-01-31
69472 TURCK-69472 Datasheet
737Kb / 7P
Read/Write Head for Bus Line Topology with TBEN-*
2020-01-31
6947210 TURCK-6947210 Datasheet
376Kb / 4P
Inductive Sensor
11/07/2023
More results


Similar Description - 69472

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
IPH-30GM-V1 PF-IPH-30GM-V1 Datasheet
972Kb / 3P
Read/write head
IPH-F97-V1 PF-IPH-F97-V1 Datasheet
696Kb / 3P
Read/write head
IUH-F190-V1-FR1-01 PF-IUH-F190-V1-FR1-01 Datasheet
893Kb / 3P
Read/write head
IUH-F190-V1-FR1-06 PF-IUH-F190-V1-FR1-06 Datasheet
884Kb / 3P
Read/write head
IUH-F190-V1-FR1-15 PF-IUH-F190-V1-FR1-15 Datasheet
890Kb / 3P
Read/write head
IUH-F190-V1-FR2-02 PF-IUH-F190-V1-FR2-02 Datasheet
937Kb / 3P
Read/write head
IUH-F190-V1-FR2-08 PF-IUH-F190-V1-FR2-08 Datasheet
914Kb / 3P
Read/write head
IUH-F190-V1-FR2-14 PF-IUH-F190-V1-FR2-14 Datasheet
917Kb / 3P
Read/write head
IUH-F192-V1-FR1 PF-IUH-F192-V1-FR1 Datasheet
738Kb / 3P
Read/write head
IUH-F192-V1-FR2 PF-IUH-F192-V1-FR2 Datasheet
820Kb / 4P
Read/write head
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com