Electronic Components Datasheet Search
  English  ▼

X  

ADS1015 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
ADS1015 Datasheet PDF - Texas Instruments
Part # ADS1015
Download  ADS1015 Download
File Size   1555.07 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support

ADS1015 Datasheet (PDF)

Go To PDF Page Download Datasheet
ADS1015 Datasheet PDF - Texas Instruments

Part # ADS1015
Download  ADS1015 Click to download

File Size   1555.07 Kbytes
Page   43 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description ADS111xL Ultra-Small, Low-Power, 16-Bit, 860-SPS ADCs With PGA, Comparator, and 1.8-V I2C Bus Voltage Support

ADS1015 Datasheet (HTML) - Texas Instruments


ADS1015 Product details

1 Features
• Supply voltage range: 2.0 V to 3.6 V
• Low current consumption:
– 150 μA (continuous-conversion mode)
• Programmable data rate:
8 SPS to 860 SPS
• Single-cycle settling
• Internal low-drift voltage reference
• Internal oscillator
• Digital comparator with ALERT output pin
• I2C interface:
– Four pin-selectable address
– Compatible with 1.8-V I2C bus voltages
• Operating temperature range:
– –40°C to +125°C

2 Applications
• General system monitoring:
– Supply-voltage monitoring
– Current measurement
– Temperature measurement
• Wearables and personal electronics

3 Description
The ADS1114L and ADS1115L (ADS111xL) are
precision, low-power, 16-bit, I2C-compatible, analogto-
digital converters (ADCs) offered in ultra-small, 12-
pin DSBGA and a 10-pin VSSOP packages. The
ADS111xL incorporate a low-drift voltage reference
and an oscillator. The ADS111xL also incorporate
a programmable gain amplifier (PGA) and a
digital comparator. These features, along with the
device wide operating supply range, are useful for
power- and space-constrained, sensor measurement
applications.
The ADS111xL perform conversions at data rates up
to 860 samples per second (SPS). The PGA offers
input ranges from ±256 mV to ±6.144 V, allowing
precise large- and small-signal measurements. The
ADS1115L features an input multiplexer (MUX) that
allows two differential or four single-ended input
measurements. Use the digital comparator in the
ADS111xL for under- and overvoltage detection.




Similar Part No. - ADS1015

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1015 TI-ADS1015 Datasheet
789Kb / 34P
Ultra-Small, Low-Power, 16-Bit Analog-to-Digital Converter with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
670Kb / 34P
Ultra-Small, Low-Power, SPI-Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 37P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit
ADS1015 TI-ADS1015 Datasheet
1Mb / 38P
Ultra-Small, Low-Power, SPI??Compatible, 16-Bit Analog-to-Digital Converter and Temperature Sensor with Internal Reference
ADS1015 TI1-ADS1015 Datasheet
1Mb / 33P
Ultra-Small, Low-Power, 12-Bit Analog-to-Digital Converter with Internal Reference
More results


Similar Description - ADS1015

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
CS5531 CIRRUS-CS5531 Datasheet
907Kb / 52P
16 BIT AND 24 BIT ADCS WITH ULTRA LOW NOISE PGIA
logo
ON Semiconductor
74ALVCH16373 ONSEMI-74ALVCH16373 Datasheet
143Kb / 12P
LOW-VOLTAGE 16-BIT TRANSPARENT LATCH WITH BUS HOLD 1.8/2.5/3.3 V
September, 2002 ??Rev. 1
logo
Cirrus Logic
CS5531 CIRRUS-CS5531_08 Datasheet
789Kb / 50P
16-bit and 24-bit ADCs with Ultra-low-noise PGIA
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_11 Datasheet
387Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
Rev 3; 2/11
logo
NXP Semiconductors
PCA9539A NXP-PCA9539A Datasheet
2Mb / 39P
Low-voltage 16-bit I2C-bus I/O port with interrupt and reset
Rev. 1-26 September 2012
PCAL9539A NXP-PCAL9539A Datasheet
2Mb / 48P
Low-voltage 16-bit I2C-bus and SMBus low power I/O port with interrupt and reset
Rev. 1-3 October 2012
logo
Linear Technology
LTC2495 LINER-LTC2495_15 Datasheet
570Kb / 34P
16-Bit 8-/16-Channel ADC with PGA, Easy Drive and I2C Interface
logo
Texas Instruments
ADS1113-Q1 TI1-ADS1113-Q1 Datasheet
1Mb / 50P
Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
logo
Maxim Integrated Produc...
MAX11606 MAXIM-MAX11606_V01 Datasheet
964Kb / 22P
Low-Power, 4-/8-/12-Channel, I2C, 10-Bit ADCs in Ultra-Small Packages
2019
logo
Texas Instruments
ADS1113-Q1 TI-ADS1113-Q1_V01 Datasheet
1Mb / 50P
ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com