Electronic Components Datasheet Search
  English  ▼

X  

1414906 Datasheet (PDF) - PHOENIX CONTACT

1414906 Datasheet PDF - PHOENIX CONTACT
Part # 1414906
Download  1414906 Download
File Size   629.72 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 1,5-PVC/M12FSM PE SH - Power cable

1414906 Datasheet (PDF)

Go To PDF Page Download Datasheet
1414906 Datasheet PDF - PHOENIX CONTACT

Part # 1414906
Download  1414906 Click to download

File Size   629.72 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-6P- 1,5-PVC/M12FSM PE SH - Power cable

1414906 Datasheet (HTML) - PHOENIX CONTACT


1414906 Product details

Power cable, 6-position, PVC, orange RAL 2003, shielded, Advanced Shielding Technology, free
cable end, on Socket straight M12, coding: M, cable length: 1.5 m, for AC current up to
8 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against mismatching, thanks to special M-coding
• Shield power reliably – 360° shielding to reduce electromagnetic loads




Similar Part No. - 1414906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1414900 PHOENIX-1414900 Datasheet
635Kb / 18P
SAC-6P- 1,5-PUR/M12FRM PE SH - Power cable
1414901 PHOENIX-1414901 Datasheet
628Kb / 18P
SAC-6P- 1,5-PUR/M12FSM PE - Power cable
1414902 PHOENIX-1414902 Datasheet
630Kb / 18P
SAC-6P- 1,5-PUR/M12FSM PE SH - Power cable
1414903 PHOENIX-1414903 Datasheet
590Kb / 18P
SAC-6P- 1,5-PVC/M12FRM PE - Power cable
1414904 PHOENIX-1414904 Datasheet
635Kb / 18P
SAC-6P- 1,5-PVC/M12FRM PE SH - Power cable
More results


Similar Description - 1414906

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1415202 PHOENIX-1415202 Datasheet
110Kb / 5P
Power cable - SAC-4P-MRT/ 1,5-PUR/FRT SH SCO
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414833 PHOENIX-1414833 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PUR PE
09/12/2020
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
1414884 PHOENIX-1414884 Datasheet
147Kb / 9P
Power cable - SAC-5P-M12MSL/ 1,5-280 FE SH
09/12/2020
1522778 PHOENIX-1522778 Datasheet
162Kb / 11P
Sensor/actuator cable - SAC-8P-M12MS/ 1,5-PUR SH
09/11/2020
1476802 PHOENIX-1476802 Datasheet
391Kb / 8P
SAC-3P-P12MR/ 1,5-PUR SH - Sensor/actuator cable
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com