Electronic Components Datasheet Search
  English  ▼

X  

BD5000G Datasheet (PDF) - Won-Top Electronics

BD5000G Datasheet PDF - Won-Top Electronics
Part # BD5000G
Download  BD5000G Download
File Size   40.68 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A GLASS PASSIVATED BOSCH TYPE PRESS-FIT DIODE

BD5000G Datasheet (PDF)

Go To PDF Page Download Datasheet
BD5000G Datasheet PDF - Won-Top Electronics

Part # BD5000G
Download  BD5000G Click to download

File Size   40.68 Kbytes
Page   2 Pages
Manufacturer  WTE [Won-Top Electronics]
Direct Link  http://www.wontop.com
Logo WTE - Won-Top Electronics
Description 50A GLASS PASSIVATED BOSCH TYPE PRESS-FIT DIODE

BD5000G Datasheet (HTML) - Won-Top Electronics


BD5000G Product details

Glass Passivated Die Construction
Low Leakage
Low Cost
High Surge Current Capability
Typical IR less than 5.0μA




Similar Part No. - BD5000G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
30Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000 Datasheet
32Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
More results


Similar Description - BD5000G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BD5000 WTE-BD5000 Datasheet
23Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD2500 WTE-BD2500_06 Datasheet
30Kb / 2P
25A BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_06 Datasheet
30Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_06 Datasheet
30Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020 Datasheet
29Kb / 2P
50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
BD3500 WTE-BD3500_14 Datasheet
32Kb / 2P
35A BOSCH TYPE PRESS-FIT DIODE
BD5000 WTE-BD5000_14 Datasheet
32Kb / 2P
50A BOSCH TYPE PRESS-FIT DIODE
BD5020 WTE-BD5020_14 Datasheet
32Kb / 2P
50A AVALANCHE BOSCH TYPE PRESS-FIT DIODE
HD5000 WTE-HD5000 Datasheet
32Kb / 2P
50A GLASS PASSIVATED HITACHI TYPE PRESS-FIT DIODE
HD5020 WTE-HD5020 Datasheet
31Kb / 2P
50A GLASS PASSIVATED AVALANCHE HITACHI TYPE PRESS-FIT DIODE
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com