Electronic Components Datasheet Search
  English  ▼

X  

100001007 Datasheet (PDF) - Turck, Inc.

100001007 Datasheet PDF - Turck, Inc.
Part # 100001007
Download  100001007 Download
File Size   1048.37 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Flow Sensor

100001007 Datasheet (PDF)

Go To PDF Page Download Datasheet
100001007 Datasheet PDF - Turck, Inc.

Part # 100001007
Download  100001007 Click to download

File Size   1048.37 Kbytes
Page   5 Pages
Manufacturer  TURCK [Turck, Inc.]
Direct Link  https://www.turck.us/en/index.php
Logo TURCK - Turck, Inc.
Description Flow Sensor

100001007 Datasheet (HTML) - Turck, Inc.


100001007 Product details

Features
■Screw-in adaptor with process connection
NPT 1/2" male thread included in delivery
■Electronics housing material/medium
contact 1.4404 (316L)/1.4571 (316Ti)
■Immersion depth 16.9 mm
■Process value display with bar graph
■Flow monitoring for liquid media
■Protection classes IP66, IP67 and IP69K
■Adjustment of flow speed via teach function
■10…33 VDC
■NO/NC contact, PNP/NPN output, IO-Link
■Connector, M12 × 1

Functional principle
The flow sensor functions according to the
calorimetric principle. The distinctive feature
of this principle is that the flow rate correlates
directly to the thermal loss of energy in
the probe. The increased loss of energy is
therefore a direct measure of an increased
flow rate.




Similar Part No. - 100001007

ManufacturerPart #DatasheetDescription
logo
Phoenix Mecano S.E. Asi...
10000100 BOPLA-10000100 Datasheet
2Mb / 22P
Cable glands / General Accessories
logo
List of Unclassifed Man...
1000010000 ETC2-1000010000 Datasheet
2Mb / 164P
We are Dedicated to Achieving Customer Satisfaction Through Continuous Improvement
logo
Turck, Inc.
100001008 TURCK-100001008 Datasheet
1Mb / 5P
Flow Sensor
11/07/2023
More results


Similar Description - 100001007

ManufacturerPart #DatasheetDescription
logo
Festo Corporation.
610783 FESTO-610783 Datasheet
104Kb / 3P
Flow sensor
7/13/22
610916 FESTO-610916 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158411 FESTO-8158411 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158412 FESTO-8158412 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158413 FESTO-8158413 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158419 FESTO-8158419 Datasheet
104Kb / 3P
Flow sensor
7/13/22
8158422 FESTO-8158422 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158423 FESTO-8158423 Datasheet
103Kb / 3P
Flow sensor
7/13/22
8158425 FESTO-8158425 Datasheet
105Kb / 3P
Flow sensor
7/13/22
8158426 FESTO-8158426 Datasheet
101Kb / 3P
Flow sensor
7/13/22
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com