Electronic Components Datasheet Search
  English  ▼

X  

7447610322 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7447610322 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7447610322
Download  7447610322 Download
File Size   731.76 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-RFI Ferrite SMT Inductor

7447610322 Datasheet (PDF)

Go To PDF Page Download Datasheet
7447610322 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447610322
Download  7447610322 Click to download

File Size   731.76 Kbytes
Page   8 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-RFI Ferrite SMT Inductor

7447610322 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7447610322 Product details

General Information:
Operating Temperature -40 °C up to +85 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7447610322

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447610310 WURTH-7447610310 Datasheet
715Kb / 7P
WE-RFI Ferrite SMT Inductor
001.000
7447610315 WURTH-7447610315 Datasheet
716Kb / 7P
WE-RFI Ferrite SMT Inductor
001.000
7447610333 WURTH-7447610333 Datasheet
732Kb / 8P
WE-RFI Ferrite SMT Inductor
001.000
744761033A WURTH-744761033A Datasheet
133Kb / 1P
Spezifikation f체r Freigabe / specification for release
7447610347 WURTH-7447610347 Datasheet
731Kb / 8P
WE-RFI Ferrite SMT Inductor
001.000
More results


Similar Description - 7447610322

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744760356A WURTH-744760356A Datasheet
863Kb / 5P
WE-RFI Ferrite SMD Inductor
744760312A WURTH-744760312A Datasheet
864Kb / 5P
WE-RFI Ferrite SMD Inductor
744762315A WURTH-744762315A Datasheet
861Kb / 5P
WE-RFI Ferrite SMD Inductor
744762368A WURTH-744762368A Datasheet
861Kb / 5P
WE-RFI Ferrite SMD Inductor
744762382A WURTH-744762382A Datasheet
861Kb / 5P
WE-RFI Ferrite SMD Inductor
744762327A WURTH-744762327A Datasheet
860Kb / 5P
WE-RFI Ferrite SMD Inductor
744762410A WURTH-744762410A Datasheet
861Kb / 5P
WE-RFI Ferrite SMD Inductor
3.1 2014-09-15
744762427A WURTH-744762427A Datasheet
794Kb / 7P
WE-RFI Ferrite SMT Inductor
004.003
744762433A WURTH-744762433A Datasheet
795Kb / 7P
WE-RFI Ferrite SMT Inductor
004.003
744762439A WURTH-744762439A Datasheet
793Kb / 7P
WE-RFI Ferrite SMT Inductor
004.003
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com