Electronic Components Datasheet Search
  English  ▼

X  

2SA1242 Datasheet (PDF) - Inchange Semiconductor Company Limited

2SA1242 Datasheet PDF - Inchange Semiconductor Company Limited
Part # 2SA1242
Download  2SA1242 Download
File Size   305.59 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

2SA1242 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SA1242 Datasheet PDF - Inchange Semiconductor Company Limited

Part # 2SA1242
Download  2SA1242 Click to download

File Size   305.59 Kbytes
Page   3 Pages
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited
Description Silicon PNP Power Transistor

2SA1242 Datasheet (HTML) - Inchange Semiconductor Company Limited


2SA1242 Product details

DESCRIPTION
·hFE=100-320(IC= -0.5A; VCE= -2V)
·hFE=70(Min)(IC= -4A; VCE= -2V)
·Low Collector-Emitter Saturation Voltage-
: VCE(sat)= -1.0V(Max)( IC= -4A; IB= -0.1A)
··High Power Dissipation-
: PC= 10W@TC=25℃,PC= 10W@Ta=25℃
APPLICATIONS
·For medium power amplifier and strobe flash applications




Similar Part No. - 2SA1242

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
2SA1242 TOSHIBA-2SA1242 Datasheet
150Kb / 3P
TRANSISOTOR (STROBE FLASH, MEDIUM POWER AMPLIFIER APPLICATIONS)
2SA1242 TOSHIBA-2SA1242 Datasheet
158Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
2SA1242 TOSHIBA-2SA1242 Datasheet
161Kb / 4P
Strobe Flash Applications Medium Power Amplifier Applications
logo
Foshan Blue Rocket Elec...
2SA1242 FOSHAN-2SA1242 Datasheet
1Mb / 6P
Silicon PNP transistor in a TO-252 Plastic Package.
logo
Jiangsu Changjiang Elec...
2SA1242 JIANGSU-2SA1242 Datasheet
267Kb / 2P
TO-251-3L Plastic-Encapsulate Transistors
More results


Similar Description - 2SA1242

ManufacturerPart #DatasheetDescription
logo
NEC
2SA1142 NEC-2SA1142 Datasheet
64Kb / 1P
PNP SILICON POWER TRANSISTOR
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
PNP POWER SILICON TRANSISTOR
logo
Inchange Semiconductor ...
2SA1303 ISC-2SA1303 Datasheet
106Kb / 2P
Silicon PNP Power Transistor
2SA1741 ISC-2SA1741 Datasheet
164Kb / 3P
Silicon PNP Power Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
Silicon PNP Power Transistor
2SA1986 NJSEMI-2SA1986 Datasheet
75Kb / 2P
Silicon PNP Power Transistor
BDY83 NJSEMI-BDY83 Datasheet
76Kb / 2P
Silicon PNP Power Transistor
More results




About Inchange Semiconductor Company Limited


Inchange Semiconductor Company Limited is a Chinese semiconductor company that was founded in 1997.

The company provides a wide range of products including discrete and analog power devices, and diodes for various applications in the automotive, industrial, and consumer markets.

Inchange is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.

The company has operations in several countries and is one of the leading suppliers of power devices and diodes in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com