Electronic Components Datasheet Search
  English  ▼

X  

744873004 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744873004 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744873004
Download  744873004 Download
File Size   890.35 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-DD SMT Shielded Coupled Inductor

744873004 Datasheet (PDF)

Go To PDF Page Download Datasheet
744873004 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744873004
Download  744873004 Click to download

File Size   890.35 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-DD SMT Shielded Coupled Inductor

744873004 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744873004 Product details

General Properties:
It is recommended that the temperature of the component does not exceed +125 °C under worst
case conditions
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1




Similar Part No. - 744873004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744873004 WURTH-744873004 Datasheet
123Kb / 3P
POWER-CHOKE WE-DD
More results


Similar Description - 744873004

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744870471 WURTH-744870471 Datasheet
893Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
7448709022 WURTH-7448709022 Datasheet
885Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
7448709033 WURTH-7448709033 Datasheet
885Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
7448709047 WURTH-7448709047 Datasheet
885Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
7448709068 WURTH-7448709068 Datasheet
885Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
744877330 WURTH-744877330 Datasheet
688Kb / 7P
WE-DD SMT Shielded Coupled Inductor
002.000
7448991015 WURTH-7448991015 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991022 WURTH-7448991022 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.002
7448991033 WURTH-7448991033 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
7448991220 WURTH-7448991220 Datasheet
645Kb / 7P
WE-MCRI SMT Molded Coupled Inductor
001.001
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com