Electronic Components Datasheet Search
  English  ▼

X  

SCT640C Datasheet (PDF) - SMC Diode Solutions Co. LTD

SCT640C Datasheet PDF - SMC Diode Solutions Co. LTD
Part # SCT640C
Download  SCT640C Download
File Size   253.58 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 40A SCRs

SCT640C Datasheet (PDF)

Go To PDF Page Download Datasheet
SCT640C Datasheet PDF - SMC Diode Solutions Co. LTD

Part # SCT640C
Download  SCT640C Click to download

File Size   253.58 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description 40A SCRs

SCT640C Datasheet (HTML) - SMC Diode Solutions Co. LTD


SCT640C Product details

With high ability to withstand the shock loading of large current, SCT640/840 provide high dv/dt rate with strong resistance to electromagnetic interference. They are especially recommended for use on solid state relay, motorcycle, power charger, T-tools etc.




Similar Part No. - SCT640C

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
SCT6040QT YHDC-SCT6040QT Datasheet
1Mb / 1P
Split core current transformer
logo
celduc-relais
SCT61110 CELDUC-SCT61110 Datasheet
81Kb / 2P
Three Phase Solid State Relays
logo
SMC Diode Solutions Co....
SCT612 SMCDIODE-SCT612 Datasheet
339Kb / 5P
12A SCRs
Rev.A
SCT612C SMCDIODE-SCT612C Datasheet
339Kb / 5P
12A SCRs
Rev.A
SCT616C SMCDIODE-SCT616C Datasheet
243Kb / 5P
16A SCRs
Rev.A
More results


Similar Description - SCT640C

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TYNX40-1 STMICROELECTRONICS-TYNX40-1 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
TYNX40 STMICROELECTRONICS-TYNX40 Datasheet
50Kb / 4P
40A SCRs
Apr-2002
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
SCRs
logo
STMicroelectronics
TN4035-600G STMICROELECTRONICS-TN4035-600G Datasheet
85Kb / 5P
40A SCRs
Apr-2004
TYNX40 STMICROELECTRONICS-TYNX40_06 Datasheet
66Kb / 6P
40A SCRS
13-Feb-2006
logo
Nell Semiconductor Co.,...
40PT06AI NELLSEMI-40PT06AI Datasheet
906Kb / 5P
Stansard SCRs, 40A
40PT NELLSEMI-40PT_14 Datasheet
661Kb / 5P
Stansard SCRs, 40A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
SCRS
logo
JIEJIE MICROELECTRONICS...
JCT1240 JIEJIE-JCT1240 Datasheet
392Kb / 5P
40A SCRs
logo
Kersemi Electronic Co.,...
TN4035-600G KERSEMI-TN4035-600G Datasheet
420Kb / 5P
40A SCRs
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com