Electronic Components Datasheet Search
  English  ▼

X  

1628489 Datasheet (PDF) - PHOENIX CONTACT

1628489 Datasheet PDF - PHOENIX CONTACT
Part # 1628489
Download  1628489 Download
File Size   585.99 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-5ES198AA600S - Device connector front mounting

1628489 Datasheet (PDF)

Go To PDF Page Download Datasheet
1628489 Datasheet PDF - PHOENIX CONTACT

Part # 1628489
Download  1628489 Click to download

File Size   585.99 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description M23-5ES198AA600S - Device connector front mounting

1628489 Datasheet (HTML) - PHOENIX CONTACT


1628489 Product details

M23, Device connector front mounting, series: M23 PRO, angled rotatable, for standard and
ONECLICK fast locking system, No. of pos.: 5+PE, contact connection type: Socket, Crimp
connection, flange dimensions: 28 mm x 28 mm, Item is lead-free in accordance with RoHS II
without Exemption 6c (Pb <0.1%)

Your advantages
• Solutions with cross-manufacturer compatibility for standard and fast locking systems
• Modern, consistent design for highly convenient operation
• Crimping connection: vibration- and temperature-resistant assembly
• All housing can be fitted with pin or socket contacts
• Safe use in the field, thanks to high degree of protection




Similar Part No. - 1628489

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1628480000 WEIDMULLER-1628480000 Datasheet
305Kb / 4P
SL 7.50/03/90B 3.2SN OR BX
1628480000 WEIDMULLER-1628480000 Datasheet
92Kb / 3P
SL 7.50/5/90B3.2SN OR
1628480000 WEIDMULLER-1628480000 Datasheet
92Kb / 3P
SL 7.50/8/90B3.2SN OR
1628480000 WEIDMULLER-1628480000 Datasheet
92Kb / 3P
SL 7.50/9/90B3.2SN OR
1628480000 WEIDMULLER-1628480000 Datasheet
92Kb / 3P
SL 7.50/10/90B3.2SN OR
More results


Similar Description - 1628489

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1628834 PHOENIX-1628834 Datasheet
654Kb / 14P
M23-5ES198AW500S - Device connector front mounting
1628484 PHOENIX-1628484 Datasheet
601Kb / 15P
M23-7EP198AA600S - Device connector front mounting
1628486 PHOENIX-1628486 Datasheet
620Kb / 16P
M23-7EP198AA500S - Device connector front mounting
1628487 PHOENIX-1628487 Datasheet
589Kb / 14P
M23-5EP198AA500S - Device connector front mounting
1628492 PHOENIX-1628492 Datasheet
723Kb / 18P
M23-17P1N8AA600S - Device connector front mounting
1628496 PHOENIX-1628496 Datasheet
725Kb / 19P
M23-17P1N8AA500S - Device connector front mounting
1628776 PHOENIX-1628776 Datasheet
636Kb / 13P
M23-5EP198AW600S - Device connector front mounting
1628777 PHOENIX-1628777 Datasheet
675Kb / 16P
M23-7EP198AW500S - Device connector front mounting
1629088 PHOENIX-1629088 Datasheet
785Kb / 19P
M23-12P1N8AW500S - Device connector front mounting
1628833 PHOENIX-1628833 Datasheet
677Kb / 16P
M23-7ES198AW500S - Device connector front mounting
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com