Electronic Components Datasheet Search
  English  ▼

X  

1805601 Datasheet (PDF) - PHOENIX CONTACT

1805601 Datasheet PDF - PHOENIX CONTACT
Part # 1805601
Download  1805601 Download
File Size   339.28 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 1,5/11-PH-5,0 - Printed-circuit board connector

1805601 Datasheet (PDF)

Go To PDF Page Download Datasheet
1805601 Datasheet PDF - PHOENIX CONTACT

Part # 1805601
Download  1805601 Click to download

File Size   339.28 Kbytes
Page   12 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PTS 1,5/11-PH-5,0 - Printed-circuit board connector

1805601 Datasheet (HTML) - PHOENIX CONTACT


1805601 Product details

PCB connector, nominal cross section: 1.5 mm2, color: green, nominal current: 10 A, rated
voltage (III/2): 400 V, contact surface: Tin, contact connection type: Socket, number of potentials:
11, number of rows: 1, number of positions: 11, number of connections: 11, product range: PTS
1,5/..-PH, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 0 °, plug-in system: COMBICON PST 1,3, locking: without, mounting:
without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Intuitive use through colour coded actuation lever
• Quick and convenient testing using integrated test option
• Largest possible clamping space in a small component size




Similar Part No. - 1805601

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
180560-0001 MOLEX11-180560-0001 Datasheet
46Kb / 1P
LED Array Holder for Cree XLamp CXA1507 and CXA1512 LED Arrays with Gold Plating
1805600001 MOLEX1-1805600001 Datasheet
40Kb / 1P
LED Array Holder for 15.85 by 15.85mm COB, Rectangular Version, Gold (Au) Plating
logo
PHOENIX CONTACT
1805602 PHOENIX-1805602 Datasheet
269Kb / 8P
KGS-MSTB 2,5/19 - Cable housing
More results


Similar Description - 1805601

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1805562 PHOENIX-1805562 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 7-PH-5,0
1805588 PHOENIX-1805588 Datasheet
69Kb / 3P
Printed-circuit board connector - PTS 1,5/ 9-PH-5,0
1805591 PHOENIX-1805591 Datasheet
67Kb / 3P
Printed-circuit board connector - PTS 1,5/10-PH-5,0
1805520 PHOENIX-1805520 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 3-PH-5,0
09/12/2020
1805533 PHOENIX-1805533 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0
09/12/2020
1805546 PHOENIX-1805546 Datasheet
109Kb / 6P
Printed-circuit board connector - PTS 1,5/ 5-PH-5,0
09/12/2020
1805559 PHOENIX-1805559 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 6-PH-5,0
09/12/2020
1805575 PHOENIX-1805575 Datasheet
110Kb / 6P
Printed-circuit board connector - PTS 1,5/ 8-PH-5,0
09/12/2020
1848558 PHOENIX-1848558 Datasheet
117Kb / 6P
Printed-circuit board connector - PTS 1,5/ 4-PH-5,0 CLIP
09/12/2020
1848639 PHOENIX-1848639 Datasheet
116Kb / 6P
Printed-circuit board connector - PTS 1,5/12-PH-5,0 CLIP
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com