Electronic Components Datasheet Search
  English  ▼

X  

7447471102 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

7447471102 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 7447471102
Download  7447471102 Download
File Size   758.04 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TIS Shielded Radial Leaded Wire Wound Inductor

7447471102 Datasheet (PDF)

Go To PDF Page Download Datasheet
7447471102 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 7447471102
Download  7447471102 Click to download

File Size   758.04 Kbytes
Page   7 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-TIS Shielded Radial Leaded Wire Wound Inductor

7447471102 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


7447471102 Product details

General Properties:
Ambient Temperature (referring
to IR) -40 up to +85 °C
Operating Temperature -40 up to +125 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 7447471102

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
7447471102 WURTH-7447471102 Datasheet
905Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results


Similar Description - 7447471102

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744731222 WURTH-744731222 Datasheet
904Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731331 WURTH-744731331 Datasheet
897Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731471 WURTH-744731471 Datasheet
907Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731472 WURTH-744731472 Datasheet
914Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
744731562 WURTH-744731562 Datasheet
896Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471022 WURTH-7447471022 Datasheet
884Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471100 WURTH-7447471100 Datasheet
888Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471101 WURTH-7447471101 Datasheet
910Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471472 WURTH-7447471472 Datasheet
934Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
7447471682 WURTH-7447471682 Datasheet
914Kb / 6P
WE-TIS Shielded Radial Leaded Wire Wound Inductor
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com