Electronic Components Datasheet Search
  English  ▼

X  

744104 Datasheet (PDF) - Wurth Elektronik GmbH & Co. KG, Germany.

744104 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.
Part # 744104
Download  744104 Download
File Size   435.22 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-SI Leaded Toroidal Storage Choke

744104 Datasheet (PDF)

Go To PDF Page Download Datasheet
744104 Datasheet PDF - Wurth Elektronik GmbH & Co. KG, Germany.

Part # 744104
Download  744104 Click to download

File Size   435.22 Kbytes
Page   5 Pages
Manufacturer  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Direct Link  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.
Description WE-SI Leaded Toroidal Storage Choke

744104 Datasheet (HTML) - Wurth Elektronik GmbH & Co. KG, Germany.


744104 Product details

General Properties:
Ambient Temperature (referring
to IR) -40 up to +65 °C
Operating Temperature -40 up to +105 °C
Storage Conditions (in original
packaging) < 40 °C ; < 75 % RH
Moisture Sensitivity Level (MSL) 1
Test conditions of Electrical Properties: +20 °C, 33 % RH if not specified differently




Similar Part No. - 744104

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744104 WURTH-744104 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
More results


Similar Description - 744104

ManufacturerPart #DatasheetDescription
logo
Wurth Elektronik GmbH &...
744103 WURTH-744103 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744106 WURTH-744106 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744112 WURTH-744112 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744132 WURTH-744132 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744134 WURTH-744134 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744153 WURTH-744153 Datasheet
107Kb / 1P
TOROIDAL LINE CHOKE WE-SI
744137 WURTH-744137_15 Datasheet
572Kb / 4P
WE-SI Leaded Toroidal Storage Choke
744154 WURTH-744154_15 Datasheet
572Kb / 4P
WE-SI Leaded Toroidal Storage Choke
744139 WURTH-744139_15 Datasheet
573Kb / 4P
WE-SI Leaded Toroidal Storage Choke
744156 WURTH-744156_15 Datasheet
572Kb / 4P
WE-SI Leaded Toroidal Storage Choke
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com