Electronic Components Datasheet Search
  English  ▼

X  

1987740 Datasheet (PDF) - PHOENIX CONTACT

1987740 Datasheet PDF - PHOENIX CONTACT
Part # 1987740
Download  1987740 Download
File Size   443.42 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5/ 4-5,0-V - PCB terminal block

1987740 Datasheet (PDF)

Go To PDF Page Download Datasheet
1987740 Datasheet PDF - PHOENIX CONTACT

Part # 1987740
Download  1987740 Click to download

File Size   443.42 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description PT 2,5/ 4-5,0-V - PCB terminal block

1987740 Datasheet (HTML) - PHOENIX CONTACT


1987740 Product details

PCB terminal block, nominal current: 32 A, rated voltage (III/2): 400 V, nominal cross section: 2.5
mm2, number of potentials: 4, number of rows: 1, number of positions per row: 4, product range:
PT 2,5/..-V, pitch: 5 mm, connection method: Screw connection with wire protector, mounting:
Wave soldering, conductor/PCB connection direction: 90 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 4.1 mm, number of solder pins per potential: 1, type of packaging:
packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• High terminal block capacity thanks to rectangular terminal block space
• Allows connection of two conductors
• The latching on the side enables various numbers of positions to be combined




Similar Part No. - 1987740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1987724 PHOENIX-1987724 Datasheet
152Kb / 8P
PCB terminal block - PT 2,5/ 2-5,0-V
1987737 PHOENIX-1987737 Datasheet
359Kb / 9P
PCB terminal block - PT 2,5/ 3-5,0-V
1987753 PHOENIX-1987753 Datasheet
442Kb / 11P
PT 2,5/ 5-5,0-V - PCB terminal block
1987766 PHOENIX-1987766 Datasheet
432Kb / 11P
PT 2,5/ 6-5,0-V - PCB terminal block
logo
Tyco Electronics
1987777-1 MACOM-1987777-1 Datasheet
3Mb / 40P
SOLARLOK Photovoltaic Interconnection System
More results


Similar Description - 1987740

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1935336 PHOENIX-1935336 Datasheet
85Kb / 6P
PCB terminal block - PT 1,5/ 4-5,0-V
1987724 PHOENIX-1987724 Datasheet
152Kb / 8P
PCB terminal block - PT 2,5/ 2-5,0-V
1935860 PHOENIX-1935860 Datasheet
357Kb / 9P
PCB terminal block - PT 2,5/11-5,0-H
Jan 5, 2023
1987737 PHOENIX-1987737 Datasheet
359Kb / 9P
PCB terminal block - PT 2,5/ 3-5,0-V
1987821 PHOENIX-1987821 Datasheet
437Kb / 11P
PT 2,5/12-5,0-V - PCB terminal block
1935886 PHOENIX-1935886 Datasheet
457Kb / 11P
PT 2,5/13-5,0-H - PCB terminal block
1987834 PHOENIX-1987834 Datasheet
437Kb / 11P
PT 2,5/13-5,0-V - PCB terminal block
1987805 PHOENIX-1987805 Datasheet
439Kb / 11P
PT 2,5/10-5,0-V - PCB terminal block
1987847 PHOENIX-1987847 Datasheet
381Kb / 11P
PT 2,5/14-5,0-V - PCB terminal block
1987863 PHOENIX-1987863 Datasheet
437Kb / 11P
PT 2,5/16-5,0-V - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com