Electronic Components Datasheet Search
  English  ▼

X  

1912359 Datasheet (PDF) - PHOENIX CONTACT

1912359 Datasheet PDF - PHOENIX CONTACT
Part # 1912359
Download  1912359 Download
File Size   537.57 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5 HC/ 8-ST - PCB connector

1912359 Datasheet (PDF)

Go To PDF Page Download Datasheet
1912359 Datasheet PDF - PHOENIX CONTACT

Part # 1912359
Download  1912359 Click to download

File Size   537.57 Kbytes
Page   15 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description MVSTBR 2,5 HC/ 8-ST - PCB connector

1912359 Datasheet (HTML) - PHOENIX CONTACT


1912359 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 16 A (see
derating curve), rated voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number
of potentials: 8, number of rows: 1, number of positions: 8, number of connections: 8, product
range: MVSTBR 2,5 HC/..-ST, pitch: 5 mm, connection method: Screw connection with tension
sleeve, screw head form: L Slotted, conductor/PCB connection direction: 90 °, locking clip: -
Locking clip, plug-in system: COMBICON MSTB 2,5 HC, locking: without, mounting: without,
type of packaging: packed in cardboard

Your advantages
• Well-known connection principle allows worldwide use
• Low temperature rise, thanks to maximum contact force
• Allows connection of two conductors
• Integrated double steel spring provides additional safety in the event of temperature and power fluctuations




Similar Part No. - 1912359

ManufacturerPart #DatasheetDescription
logo
Belden Inc.
19123 BELDEN-19123 Datasheet
139Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, UL Type SPT-2
05-05-2023
19123-010250 BELDEN-19123-010250 Datasheet
139Kb / 2P
Portable Cordage, 2 C #18 Str BC, PVC Ins, UL Type SPT-2
05-05-2023
logo
PHOENIX CONTACT
1912304 PHOENIX-1912304 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 3-ST
1912317 PHOENIX-1912317 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 4-ST
1912320 PHOENIX-1912320 Datasheet
539Kb / 15P
MVSTBR 2,5 HC/ 5-ST - PCB connector
More results


Similar Description - 1912359

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792074 PHOENIX-1792074 Datasheet
170Kb / 6P
MVSTBR 2,5/ 8-ST
1912294 PHOENIX-1912294 Datasheet
397Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 2-ST
Jan 3, 2023
1912304 PHOENIX-1912304 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 3-ST
1912317 PHOENIX-1912317 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 4-ST
1912375 PHOENIX-1912375 Datasheet
383Kb / 12P
PCB connector - MVSTBR 2,5 HC/10-ST
1912443 PHOENIX-1912443 Datasheet
398Kb / 12P
PCB connector - MVSTBR 2,5 HC/ 6-ST-5,08
1912414 PHOENIX-1912414 Datasheet
411Kb / 15P
MVSTBR 2,5 HC/ 3-ST-5,08 - PCB connector
1912320 PHOENIX-1912320 Datasheet
539Kb / 15P
MVSTBR 2,5 HC/ 5-ST - PCB connector
1912498 PHOENIX-1912498 Datasheet
394Kb / 15P
MVSTBR 2,5 HC/11-ST-5,08 - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com