Electronic Components Datasheet Search
  English  ▼

X  

1909786 Datasheet (PDF) - PHOENIX CONTACT

1909786 Datasheet PDF - PHOENIX CONTACT
Part # 1909786
Download  1909786 Download
File Size   1154.71 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 9-ST - PCB connector

1909786 Datasheet (PDF)

Go To PDF Page Download Datasheet
1909786 Datasheet PDF - PHOENIX CONTACT

Part # 1909786
Download  1909786 Click to download

File Size   1154.71 Kbytes
Page   24 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description FKCVR 2,5/ 9-ST - PCB connector

1909786 Datasheet (HTML) - PHOENIX CONTACT


1909786 Product details

PCB connector, nominal cross section: 2.5 mm2, color: green, nominal current: 12 A, rated
voltage (III/2): 320 V, contact surface: Tin, type of contact: Socket, number of potentials: 9,
number of rows: 1, number of positions: 9, number of connections: 9, product range: FKCVR
2,5/..-ST, pitch: 5 mm, connection method: Push-in spring connection, conductor/PCB
connection direction: 90 °, locking clip: - Locking clip, plug-in system: COMBICON MSTB 2,5,
locking: without, mounting: without, type of packaging: packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Intuitive use through colour coded actuation lever
• Quick and convenient testing using integrated test option
• Can be combined with the MSTB 2,5 range




Similar Part No. - 1909786

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1909710000 WEIDMULLER-1909710000 Datasheet
364Kb / 4P
KLIPPON STB 4 MS FH M25 E90
logo
PHOENIX CONTACT
1909715 PHOENIX-1909715 Datasheet
144Kb / 5P
MSTB 2,5/ 2-G
1909715 PHOENIX-1909715 Datasheet
145Kb / 5P
MSTBV 2,5/ 2-G
1909715 PHOENIX-1909715 Datasheet
163Kb / 6P
MDSTB 2,5/ 2-G
1909728 PHOENIX-1909728 Datasheet
145Kb / 5P
MSTB 2,5/ 3-G
More results


Similar Description - 1909786

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1792087 PHOENIX-1792087 Datasheet
170Kb / 6P
MVSTBR 2,5/ 9-ST
1909838 PHOENIX-1909838 Datasheet
144Kb / 6P
FKCVR 2,5/14-ST
1947560 PHOENIX-1947560 Datasheet
42Kb / 2P
Printed-circuit board connector - FKCVR 2,5/ 6-ST-RF
1980446 PHOENIX-1980446 Datasheet
59Kb / 4P
Base strip - ST 2,5-PCB/ 9-G-5,2
1967922 PHOENIX-1967922 Datasheet
62Kb / 4P
Printed-circuit board connector - FKCVR 2,5/ 5-ST-5,08 AU
1912919 PHOENIX-1912919 Datasheet
390Kb / 12P
PCB connector - MVSTBW 2,5 HC/ 9-ST-5,08
Nov 30, 2022
1874099 PHOENIX-1874099 Datasheet
530Kb / 16P
PCB connector - FKCVR 2,5/16-ST-5,08
Jan 5, 2023
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1912809 PHOENIX-1912809 Datasheet
301Kb / 11P
MVSTBW 2,5 HC/ 9-ST - PCB connector
1912362 PHOENIX-1912362 Datasheet
523Kb / 15P
MVSTBR 2,5 HC/ 9-ST - PCB connector
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com