Electronic Components Datasheet Search
  English  ▼

X  

1864338 Datasheet (PDF) - PHOENIX CONTACT

1864338 Datasheet PDF - PHOENIX CONTACT
Part # 1864338
Download  1864338 Download
File Size   373.98 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/ 7-3,5-LL - PCB terminal block

1864338 Datasheet (PDF)

Go To PDF Page Download Datasheet
1864338 Datasheet PDF - PHOENIX CONTACT

Part # 1864338
Download  1864338 Click to download

File Size   373.98 Kbytes
Page   10 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/ 7-3,5-LL - PCB terminal block

1864338 Datasheet (HTML) - PHOENIX CONTACT


1864338 Product details

PCB terminal block, nominal current: 13.5 A, rated voltage (III/2): 160 V, nominal cross section: 1
mm2, number of potentials: 7, number of rows: 1, number of positions per row: 7, product range:
SPTAF 1/..-LL, pitch: 3.5 mm, connection method: Push-in spring connection, mounting: Wave
soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear pinning,
Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging: packed in
cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Finger-operated and fixable release button for very convenient operation
• Small component size for applications where space is at a premium
• Quick and convenient testing using integrated test option




Similar Part No. - 1864338

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1864330000 WEIDMULLER-1864330000 Datasheet
488Kb / 6P
SC-SMT 3.81/08/180G 1.5SN BK RL
logo
Chicago Miniature Lamp,...
18643350 CML-18643350 Datasheet
330Kb / 1P
Mega StarLEDs T5 (16x35mm) E14 with bridge rectifier
logo
CML Innovative Technolo...
18643350 CMLINNOVATIVETECHNOLOGIES-18643350 Datasheet
5Mb / 43P
Mega StarLEDs, StarLEDs,MultiLEDs, LED Indicators
November 2004
logo
Chicago Miniature Lamp,...
18643351 CML-18643351 Datasheet
330Kb / 1P
Mega StarLEDs T5 (16x35mm) E14 with bridge rectifier
logo
CML Innovative Technolo...
18643351 CMLINNOVATIVETECHNOLOGIES-18643351 Datasheet
5Mb / 43P
Mega StarLEDs, StarLEDs,MultiLEDs, LED Indicators
November 2004
More results


Similar Description - 1864338

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1864286 PHOENIX-1864286 Datasheet
148Kb / 7P
PCB terminal block - SPTAF 1/ 2-3,5-LL
1864299 PHOENIX-1864299 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/ 3-3,5-LL
1864309 PHOENIX-1864309 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 4-3,5-LL
1864312 PHOENIX-1864312 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 5-3,5-LL
1864325 PHOENIX-1864325 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 6-3,5-LL
1864341 PHOENIX-1864341 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/ 8-3,5-LL
1864396 PHOENIX-1864396 Datasheet
135Kb / 7P
PCB terminal block - SPTAF 1/13-3,5-LL
1864406 PHOENIX-1864406 Datasheet
136Kb / 7P
PCB terminal block - SPTAF 1/14-3,5-LL
1864480 PHOENIX-1864480 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 7-5,0-LL
1864354 PHOENIX-1864354 Datasheet
372Kb / 10P
SPTAF 1/ 9-3,5-LL - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com