Electronic Components Datasheet Search
  English  ▼

X  

1862550 Datasheet (PDF) - PHOENIX CONTACT

1862550 Datasheet PDF - PHOENIX CONTACT
Part # 1862550
Download  1862550 Download
File Size   366.43 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/16-5,0-EL - PCB terminal block

1862550 Datasheet (PDF)

Go To PDF Page Download Datasheet
1862550 Datasheet PDF - PHOENIX CONTACT

Part # 1862550
Download  1862550 Click to download

File Size   366.43 Kbytes
Page   11 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SPTAF 1/16-5,0-EL - PCB terminal block

1862550 Datasheet (HTML) - PHOENIX CONTACT


1862550 Product details

PCB terminal block, nominal current: 16 A, rated voltage (III/2): 320 V, nominal cross section: 1.5
mm2, number of potentials: 16, number of rows: 1, number of positions per row: 16, product
range: SPTAF 1/..-EL, pitch: 5 mm, connection method: Push-in spring connection, mounting:
Wave soldering, conductor/PCB connection direction: 45 °, color: green, Pin layout: Linear
pinning, Solder pin [P]: 2.6 mm, number of solder pins per potential: 2, type of packaging:
packed in cardboard

Your advantages
• Time saving push-in connection, tools not required
• Defined contact force ensures that contact remains stable over the long term
• Finger-operated release button for very convenient operation
• Small component size for applications where space is at a premium
• Quick and convenient testing using integrated test option




Similar Part No. - 1862550

ManufacturerPart #DatasheetDescription
logo
Weidmuller
1862550000 WEIDMULLER-1862550000 Datasheet
189Kb / 11P
Pitch 3.81 mm (0.150 inch) SC-SMT 3.81/10/90G 3.2SN BK BX
More results


Similar Description - 1862550

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1862411 PHOENIX-1862411 Datasheet
145Kb / 7P
PCB terminal block - SPTAF 1/ 2-5,0-EL
1862424 PHOENIX-1862424 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 3-5,0-EL
1862437 PHOENIX-1862437 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 4-5,0-EL
1862453 PHOENIX-1862453 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 6-5,0-EL
1862479 PHOENIX-1862479 Datasheet
134Kb / 7P
PCB terminal block - SPTAF 1/ 8-5,0-EL
1862440 PHOENIX-1862440 Datasheet
126Kb / 9P
PCB terminal block - SPTAF 1/ 5-5,0-EL
09/11/2020
1862495 PHOENIX-1862495 Datasheet
127Kb / 8P
PCB terminal block - SPTAF 1/10-5,0-EL
09/11/2020
1862534 PHOENIX-1862534 Datasheet
366Kb / 11P
SPTAF 1/14-5,0-EL - PCB terminal block
1862521 PHOENIX-1862521 Datasheet
368Kb / 11P
SPTAF 1/13-5,0-EL - PCB terminal block
1862547 PHOENIX-1862547 Datasheet
366Kb / 11P
SPTAF 1/15-5,0-EL - PCB terminal block
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com