Electronic Components Datasheet Search
  English  ▼

X  

PJE8403 Datasheet (PDF) - Pan Jit International Inc.

PJE8403 Datasheet PDF - Pan Jit International Inc.
Part # PJE8403
Download  PJE8403 Download
File Size   396.36 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P-Channel Enhancement Mode MOSFET – ESD Protected

PJE8403 Datasheet (PDF)

Go To PDF Page Download Datasheet
PJE8403 Datasheet PDF - Pan Jit International Inc.

Part # PJE8403
Download  PJE8403 Click to download

File Size   396.36 Kbytes
Page   6 Pages
Manufacturer  PANJIT [Pan Jit International Inc.]
Direct Link  http://www.panjit.com.tw
Logo PANJIT - Pan Jit International Inc.
Description 20V P-Channel Enhancement Mode MOSFET – ESD Protected

PJE8403 Datasheet (HTML) - Pan Jit International Inc.


PJE8403 Product details

Features
 RDS(ON) , VGS@-4.5V, ID@-0.6A<340mΩ
 RDS(ON) , VGS@-2.5V, ID@-0.4A<420mΩ
 RDS(ON) , VGS@-1.8V, ID@-0.2A<600mΩ
 Advanced Trench Process Technology
 Specially Designed for Switch Load, PWM Application, etc.
 ESD Protected 2KV HBM
 Lead free in compliance with EU RoHS 2.0
 Green molding compound as per IEC 61249 standard




Similar Part No. - PJE8403

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
More results


Similar Description - PJE8403

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
PJC7403 PANJIT-PJC7403 Datasheet
260Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJT7801 PANJIT-PJT7801 Datasheet
256Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3415AE PANJIT-PJA3415AE Datasheet
327Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419 PANJIT-PJA3419 Datasheet
335Kb / 6P
20V P-Channel Enhancement Mode MOSFET??ESD Protected
PJA3435 PANJIT-PJA3435 Datasheet
326Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJE8403 PANJIT-PJE8403 Datasheet
333Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJS6835 PANJIT-PJS6835 Datasheet
316Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJX8803 PANJIT-PJX8803 Datasheet
337Kb / 6P
20V P-Channel Enhancement Mode MOSFET ??ESD Protected
PJA3419E PANJIT-PJA3419E Datasheet
406Kb / 6P
20V P-Channel Enhancement Mode MOSFET– ESD Protected
July 15,2022
PJA3419AE PANJIT-PJA3419AE Datasheet
412Kb / 6P
20V P-Channel Enhancement Mode MOSFET – ESD Protected
March 6,2023
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com