Electronic Components Datasheet Search
  English  ▼

X  

GF3545TS Datasheet (PDF) - SMC Diode Solutions Co. LTD

GF3545TS Datasheet PDF - SMC Diode Solutions Co. LTD
Part # GF3545TS
Download  GF3545TS Download
File Size   503.45 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Modules Schottky Rectifier

GF3545TS Datasheet (PDF)

Go To PDF Page Download Datasheet
GF3545TS Datasheet PDF - SMC Diode Solutions Co. LTD

Part # GF3545TS
Download  GF3545TS Click to download

File Size   503.45 Kbytes
Page   5 Pages
Manufacturer  SMCDIODE [SMC Diode Solutions Co. LTD]
Direct Link  https://www.smc-diodes.com
Logo SMCDIODE - SMC Diode Solutions Co. LTD
Description Power Modules Schottky Rectifier

GF3545TS Datasheet (HTML) - SMC Diode Solutions Co. LTD


GF3545TS Product details

Low thermal resistance
Lower forward voltage drop, low power loss
Isolate Package design, ideal for heat dispersion
High forward current capability
Trench MOS Schottky technology
Excellent anti-humidity
Low profile package
High forward surge capability
All SMC parts are traceable to the wafer lot
Additional electrical and life testing can be performed
upon request




Similar Part No. - GF3545TS

ManufacturerPart #DatasheetDescription
logo
SMC Diode Solutions Co....
GF3545TS-1 SMCDIODE-GF3545TS-1 Datasheet
533Kb / 5P
Power Modules Schottky Rectifier
Rev.-
More results


Similar Description - GF3545TS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VSKCS400 VISHAY-VSKCS400_11 Datasheet
131Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKCS408 VISHAY-VSKCS408_11 Datasheet
129Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 400 A
09-Mar-11
VSKDS201 VISHAY-VSKDS201_10 Datasheet
175Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 100 A
18-May-10
VSKDS408 VISHAY-VSKDS408_09 Datasheet
145Kb / 7P
ADD-A-PAK Generation VII Power Modules Schottky Rectifier, 200 A
05-Aug-09
logo
Jiangsu APT Semiconduct...
MB400K01F3 APTSEMI-MB400K01F3 Datasheet
172Kb / 3P
Schottky Rectifier Modules
logo
Vishay Siliconix
VS-VSKCS203 VISHAY-VS-VSKCS203 Datasheet
761Kb / 7P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
VS-VSKCS209 VISHAY-VS-VSKCS209 Datasheet
875Kb / 6P
ADD-A-PAK Gen 7 Power Modules Schottky Rectifier, 200 A
28-Sep-15
logo
Sirectifier Semiconduct...
SRBD40035CT SIRECTIFIER-SRBD40035CT Datasheet
528Kb / 3P
Schottky Barrier Rectifier Diode Modules
SRBD400100CT SIRECTIFIER-SRBD400100CT Datasheet
504Kb / 2P
Schottky Barrier Rectifier Diode Modules
logo
Vishay Siliconix
VS-VSKDS440 VISHAY-VS-VSKDS440_17 Datasheet
187Kb / 7P
AAP Gen 7 (TO-240AA) Power Modules Schottky Rectifier, 220 A
03-May-17
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com