Electronic Components Datasheet Search
  English  ▼

X  

1411636 Datasheet (PDF) - PHOENIX CONTACT

1411636 Datasheet PDF - PHOENIX CONTACT
Part # 1411636
Download  1411636 Download
File Size   573.74 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MSS/ 1,0-PVC PE - Power cable

1411636 Datasheet (PDF)

Go To PDF Page Download Datasheet
1411636 Datasheet PDF - PHOENIX CONTACT

Part # 1411636
Download  1411636 Click to download

File Size   573.74 Kbytes
Page   18 Pages
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Description SAC-3P-M12MSS/ 1,0-PVC PE - Power cable

1411636 Datasheet (HTML) - PHOENIX CONTACT


1411636 Product details

Power cable, 3-position, PVC, black, Plug straight M12, coding: S, on free cable end, cable
length: 1 m, For alternating current up to 16 A/690 V

Your advantages
• Easy and safe: 100 % electrically tested plug-in components
• Protection against incorrect connection using special S-coding




Similar Part No. - 1411636

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1411637 PHOENIX-1411637 Datasheet
581Kb / 18P
SAC-3P-M12MSS/ 2,0-PVC PE - Power cable
1411639 PHOENIX-1411639 Datasheet
581Kb / 18P
SAC-3P-M12MSS/10,0-PVC PE - Power cable
More results


Similar Description - 1411636

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1404706 PHOENIX-1404706 Datasheet
121Kb / 6P
Sensor/Actuator cable - SAC-3P-M 8MS/1,0-PVC/M 8FS B-L - 1404706
1438600 PHOENIX-1438600 Datasheet
40Kb / 1P
Cable - SAC-3P-MS/1,0-PUR/C-1L-Z
1423650 PHOENIX-1423650 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/3,0-PUR/FSSPESH
1423665 PHOENIX-1423665 Datasheet
65Kb / 4P
Power cable - SAC-4P-M12MSS/10,5-PUR/FSSPESH
1425384 PHOENIX-1425384 Datasheet
68Kb / 4P
Power cable - SAC-3P- 1,5-PVC/M12FSS PE
1425622 PHOENIX-1425622 Datasheet
67Kb / 4P
Power cable - SAC-3P-M12MSS/ 2,5-PVC PE
1425625 PHOENIX-1425625 Datasheet
68Kb / 4P
Power cable - SAC-3P- 2,5-PVC/M12FSS PE
1408848 PHOENIX-1408848 Datasheet
157Kb / 11P
Power cable - SAC-4P- 1,0-PUR/M12FRS PE
09/11/2020
1414797 PHOENIX-1414797 Datasheet
403Kb / 7P
Power cable - SAC-5P- 3,0-PVC/M12FSK PE SH
02/03/2022
1414835 PHOENIX-1414835 Datasheet
149Kb / 9P
Power cable - SAC-5P-M12MRK/ 1,5-PVC PE
09/12/2020
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com