Electronic Components Datasheet Search
  English  ▼

X  

NTD25P03LT4G Datasheet (PDF) - BYCHIP ELECTRONICS CO., LIMITED

NTD25P03LT4G Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED
Part # NTD25P03LT4G
Download  NTD25P03LT4G Download
File Size   679.5 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

NTD25P03LT4G Datasheet (PDF)

Go To PDF Page Download Datasheet
NTD25P03LT4G Datasheet PDF - BYCHIP ELECTRONICS CO., LIMITED

Part # NTD25P03LT4G
Download  NTD25P03LT4G Click to download

File Size   679.5 Kbytes
Page   4 Pages
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED
Description P-channel Enhancement Mode Power MOSFET

NTD25P03LT4G Datasheet (HTML) - BYCHIP ELECTRONICS CO., LIMITED


NTD25P03LT4G Product details

Features
 VDS= -30V, ID= -20A
RDS(ON) < 34mΩ @ VGS = -10V
RDS(ON) < 50mΩ @ VGS = -4.5V

General Features
● Advanced Trench Technology
● Provide Excellent RDS(ON) and Low Gate
Charge
● Lead Free and Green Available




Similar Part No. - NTD25P03LT4G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NTD25P03LT4G ONSEMI-NTD25P03LT4G Datasheet
160Kb / 9P
Power MOSFET -25 Amp, -30 Volt
March, 2006 ??Rev. 3
NTD25P03LT4G ONSEMI-NTD25P03LT4G Datasheet
117Kb / 8P
Power MOSFET
September, 2014 ??Rev. 5
logo
VBsemi Electronics Co.,...
NTD25P03LT4G VBSEMI-NTD25P03LT4G Datasheet
1,014Kb / 9P
P-Channel 30-V (D-S) MOSFET
logo
ON Semiconductor
NTD25P03LT4G ONSEMI-NTD25P03LT4G Datasheet
234Kb / 9P
MOSFET – Power, P-Channel, Logic Level, DPAK -25 A, -30 V
May, 2019 - Rev. 5
More results


Similar Description - NTD25P03LT4G

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com